Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TE28F320B3BC90 Datasheet(PDF) 41 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 41 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 37Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 38Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 39Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 40Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 41Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 42Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 43Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 44Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
3UHOLPLQDU\
35
NOTES:
1. The 48-ball µBGA package top side mark reads F160B3 [or F800B3]. This mark is identical for both x8 and
x16 products. All product shipping boxes or trays provide the correct information regarding bus architecture.
However, once the devices are removed from the shipping media, it may be difficult to differentiate based on
the top side mark. The device identifier (accessible through the Device ID command: see Section 3.2.2 for
further details) enables x8 and x16 µBGA package product differentiation.
2. The second line of the 48-ball µBGA package top side mark specifies assembly codes. For samples only, the
first character signifies either “E” for engineering samples or “S” for silicon daisy chain samples. All other
assembly codes without an “E” or “S” as the first character are production units.
3. Product can be ordered in either 0.25 µm or 0.4 µm material. The “A” before the access speed specifies
0.25 µm material. For new designs, Intel recommends using 0.25 µm Advanced Boot Block devices.
Ordering Information Valid Combinations
40-Lead TSOP
48-Ball µBGA* CSP
(1,2)
48-Lead TSOP
48-Ball µBGA CSP
(1,2)
48-Ball VF BGA
Ext. Temp.
64 Mbit
TE28F640B3TC90
GT28F640B3TC90
TE28F640B3BC90
GT28F640B3BC90
TE28F640B3TC100
GT28F640B3TC100
TE28F640B3BC100
GT28F640B3BC100
Ext. Temp.
32 Mbit
TE28F320B3TC70
GE28F320B3TC70
TE28F320B3BC70
GE28F320B3BC70
TE28F320B3TC90
GE28F320B3TC90
TE28F320B3BC90
GE28F320B3BC90
TE28F320B3TA100
GT28F320B3TA100
TE28F320B3BA100
GT28F320B3BA100
TE28F320B3TA110
GT28F320B3TA110
TE28F320B3BA110
GT28F320B3BA110
Ext. Temp.
16 Mbit
TE28F160B3TC70
GE28F160B3TC70
TE28F160B3BC70
GE28F160B3BC70
TE28F160B3TC80
GE28F160B3TC80
TE28F160B3BC80
GE28F160B3BC80
TE28F016B3TA90(3)
GT28F016B3TA90(3)
TE28F160B3TA90(3)
GT28F160B3TA90(3)
TE28F016B3BA90
(3)
GT28F016B3BA90
(3)
TE28F160B3BA90
(3)
GT28F160B3BA90
(3)
TE28F016B3TA110(3)
GT28F016B3TA110(3)
TE28F160B3TA110(3)
GT28F160B3TA110(3)
TE28F016B3BA110(3)
GT28F016B3BA110(3)
TE28F160B3BA110(3)
GT28F160B3BA110(3)
Ext. Temp.
8 Mbit
TE28F008B3TA90
(3)
GT28F008B3T90
TE28F800B3TA90
(3)
GT28F800B3T90
GE28F800B3TA90
TE28F008B3BA90(3)
GT28F008B3B90
TE28F800B3BA90(3)
GT28F800B3B90
GE28F800B3BA90
TE28F008B3TA110(3)
GT28F008B3T110
TE28F800B3TA110(3)
GT28F800B3T110
GE28F008B3TA90
TE28F008B3BA110
(3)
GT28F008B3B110
TE28F800B3BA110
(3)
GT28F800B3B110
GE28F008B3BA90
Ext. Temp
4 Mbit
TE28F004B3T90
TE28F400B3T90
TE28F004B3B90
TE28F400B3B90
TE28F004B3T110
TE28F400B3T110
TE28F004B3B110
TE28F400B3B110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com