Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TE28F320B3BC90 Datasheet(PDF) 40 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 40 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 36Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 37Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 38Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 39Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 40Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 41Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 42Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 43Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
34
3UHOLPLQDU\
6.0
Ordering Information
Package
TE = 40-Lead/48-Lead TSOP
GT = 48-Ball µBGA* CSP
GE = VF BGA CSP
Product line designator
for all Intel® Flash products
Access Speed (ns)
(70, 80, 90, 100, 110)
Product Family
B3 = 3 Volt Advanced Boot Block
V
CC = 2.7 V - 3.6 V
V
PP = 2.7 V - 3.6 V or
11.4 V - 12.6 V
Device Density
640 = x16 (64 Mbit)
320 = x16 (32 Mbit)
160 = x16 (16 Mbit)
800 = x16 (8 Mbit)
400 = x16 (4 Mbit)
016 = x8 (16 Mbit)
008 = x8 (8 Mbit)
004 = x8 (4 Mbit)
T = Top Blocking
B = Bottom Blocking
Lithography
Not Present = 0.4 µm
A = 0.25 µm
C = 0.18 µm
T E 2 8 F 3 2 0 B 3 T C 7 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com