Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TE28F320B3BC90 Datasheet(PDF) 20 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 20 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 16Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 17Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 18Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 19Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 20Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 21Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 22Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 23Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
14
3UHOLPLQDU\
NOTE: A Command Sequence Error is indicated when both SR.4, SR.5 and SR.7 are set.
3.3
Block Locking
The 3 Volt Advanced Boot Block flash memory architecture features two hardware-lockable
parameter blocks.
3.3.1
WP# = VIL for Block Locking
The lockable blocks are locked when WP# = VIL; any program or erase operation to a locked block
will result in an error, which will be reflected in the status register. For top configuration, the top
two parameter blocks (blocks #133 and #134 for the 64 Mbit, #69 and #70 for the 32 Mbit, blocks
#37 and #38 for the 16 Mbit, blocks #21 and #22 for the 8 Mbit, blocks #13 and #14 for the 4 Mbit)
are lockable. For the bottom configuration, the bottom two parameter blocks (blocks #0 and #1 for
4 /8 /16 /32/64 Mbit) are lockable. Unlocked blocks can be programmed or erased normally (unless
VPP is below VPPLK).
Table 7.
Status Register Bit Definition
WSMS
ESS
ES
PS
VPPS
PSS
BLS
R
765
43210
NOTES:
SR.7 = WRITE STATE MACHINE STATUS (WSMS)
1 = Ready
0 = Busy
Check Write State Machine bit first to determine word program
or block erase completion, before checking program or erase
status bits.
SR.6 = ERASE-SUSPEND STATUS (ESS)
1 = Erase Suspended
0 = Erase In Progress/Completed
When erase suspend is issued, WSM halts execution and sets
both WSMS and ESS bits to “1.” ESS bit remains set at “1” until
an Erase Resume command is issued.
SR.5 = ERASE STATUS (ES)
1 = Error In Block Erasure
0 = Successful Block Erase
When this bit is set to “1,” WSM has applied the max. number
of erase pulses to the block and is still unable to verify
successful block erasure.
SR.4 = PROGRAM STATUS (PS)
1 = Error in Word Program
0 = Successful Word Program
When this bit is set to “1,” WSM has attempted but failed to
program a word.
SR.3 = VPP STATUS (VPPS)
1 = VPP Low Detect, Operation Abort
0 = VPP OK
The VPP status bit does not provide continuous indication of
VPP level. The WSM interrogates VPP level only after the
Program or Erase command sequences have been entered,
and informs the system if VPP has not been switched on. The
VPP is also checked before the operation is verified by the
WSM. The VPP status bit is not guaranteed to report accurate
feedback between VPPLK max and VPP1 min or between VPP1
max and VPP4 min.
SR.2 = PROGRAM SUSPEND STATUS (PSS)
1 = Program Suspended
0 = Program in Progress/Completed
When program suspend is issued, WSM halts execution and
sets both WSMS and PSS bits to “1.” PSS bit remains set to “1”
until a Program Resume command is issued.
SR.1 = BLOCK LOCK STATUS
1 = Program/Erase attempted on locked block;
Operation aborted
0 = No operation to locked blocks
If a program or erase operation is attempted to one of the
locked blocks, this bit is set by the WSM. The operation
specified is aborted and the device is returned to read status
mode.
SR.0 = RESERVED FOR FUTURE ENHANCEMENTS (R)
This bit is reserved for future use and should be masked out
when polling the status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com