Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TE28F320B3BC90 Datasheet(PDF) 35 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 35 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 31Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 32Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 33Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 34Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 35Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 36Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 37Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 38Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
3UHOLPLQDU\
29
AC Characteristics—Write Operations, continued
NOTES:
1. Refer to command definition table (Table 6) for valid AIN or DIN.
2. Write pulse width (tWP) is defined from CE# or WE# going low (whichever goes low last) to CE# or WE# going
high (whichever goes high first). Hence, tWP = tWLWH = tELEH = tWLEH = tELWH. Similarly, Write pulse width
high (tWPH) is defined from CE# or WE# going high (whichever goes high first) to CE# or WE# going low
(whichever goes low first). Hence, tWPH = tWHWL = tEHEL = tWHEL = tEHWL.
3. Sampled, but not 100% tested.
Read timing characteristics during program suspend and erase suspend are the same as during read-only
operations.
See Figure 5 for timing measurements and maximum allowable input slew rate.
See Figure 8, “AC Waveform: Program and Erase Operations” on page 32.
#
Sym
Parameter
Density
32 Mbit
Unit
Product
70 ns
90 ns
90 ns
110 ns
VCC
2.7 V –
3.6 V
2.7 V –
3.6 V
3.0 V –
3.3 V
2.7 V –
3.3 V
3.0 V –
3.3 V
2.7 V –
3.3 V
Note
Min
Min
Min
Min
Min
Min
W1
tPHWL /
tPHEL
RP# High Recovery to WE# (CE#)
Going Low
150
150
600
600
600
600
ns
W2
tELWL /
tWLEL
CE# (WE#) Setup to WE# (CE#) Going
Low
000
00
0
ns
W3
tELEH /
tWLWH
WE# (CE#) Pulse Width
1
45
60
70
70
70
70
ns
W4
tDVWH /
tDVEH
Data Setup to WE# (CE#) Going High
2
40
40
50
50
60
60
ns
W5
tAVWH /
tAVEH
Address Setup to WE# (CE#) Going
High
2
506070707070
ns
W6
tWHEH /
tEHWH
CE# (WE#) Hold Time from WE#
(CE#) High
000
00
0
ns
W7
tWHDX /
tEHDX
Data Hold Time from WE# (CE#) High
2
0
0
0
0
0
0
ns
W8
tWHAX /
tEHAX
Address Hold Time from WE# (CE#)
High
2
000
00
0
ns
W9
tWHWL /
tEHEL
WE# (CE#) Pulse Width High
1
25
30
30
30
30
30
ns
W10
tVPWH /
tVPEH
VPP Setup to WE# (CE#) Going High
3
200
200
200
200
200
200
ns
W11
tQVVL
VPP Hold from Valid SRD
3
0
0
0
0
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com