Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F Datasheet(PDF) 15 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 11Page - STMicroelectronics M29DW128F Datasheet HTML 12Page - STMicroelectronics M29DW128F Datasheet HTML 13Page - STMicroelectronics M29DW128F Datasheet HTML 14Page - STMicroelectronics M29DW128F Datasheet HTML 15Page - STMicroelectronics M29DW128F Datasheet HTML 16Page - STMicroelectronics M29DW128F Datasheet HTML 17Page - STMicroelectronics M29DW128F Datasheet HTML 18Page - STMicroelectronics M29DW128F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
M29DW128F
2 Signal descriptions
15/93
2.7
Write Enable (W)
The Write Enable pin, W, controls the Bus Write operation of the memory’s Command Interface.
2.8
VPP/Write Protect (VPP/WP)
The VPP/Write Protect pin provides two functions. The VPP function allows the memory to use
an external high voltage power supply to reduce the time required for Program operations. This
is achieved by bypassing the unlock cycles and/or using the multiple Word (2 or 4 at-a-time) or
multiple Byte Program (2, 4 or 8 at-a-time) commands.
The Write Protect function provides a hardware method of protecting the four outermost boot
blocks (two at the top, and two at the bottom of the address space). When VPP/Write Protect is
Low, VIL, the memory protects the four outermost boot blocks; Program and Erase operations in
these blocks are ignored while VPP/Write Protect is Low, even when RP is at VID.
When VPP/Write Protect is High, VIH, the memory reverts to the previous protection status of
the four outermost boot blocks. Program and Erase operations can now modify the data in
these blocks unless the blocks are protected using Block Protection.
Applying VPPH to the VPP/WP pin will temporarily unprotect any block previously protected
(including the four outermost parameter blocks) using a High Voltage Block Protection
technique (In-System or Programmer technique). See Table 9: Hardware Protection for details.
When VPP/Write Protect is raised to VPP the memory automatically enters the Unlock Bypass
mode. When VPP/Write Protect returns to VIH or VIL normal operation resumes. During Unlock
Bypass Program operations the memory draws IPP from the pin to supply the programming
circuits. See the description of the Unlock Bypass command in the Command Interface section.
The transitions from VIH to VPP and from VPP to VIH must be slower than tVHVPP, see Figure 20.
Never raise VPP/Write Protect to VPP from any mode except Read mode, otherwise the
memory may be left in an indeterminate state.
The VPP/Write Protect pin must not be left floating or unconnected or the device may become
unreliable. A 0.1µF capacitor should be connected between the VPP/Write Protect pin and the
VSS Ground pin to decouple the current surges from the power supply. The PCB track widths
must be sufficient to carry the currents required during Unlock Bypass Program, IPP.
2.9
Reset/Block Temporary Unprotect (RP)
The Reset/Block Temporary Unprotect pin can be used to apply a Hardware Reset to the
memory or to temporarily unprotect all the blocks previously protected using a High Voltage
Block Protection technique (In-System or Programmer technique).
Note that if VPP/WP is at VIL, then the four outermost parameter blocks will remain protected
even if RP is at VID.
A Hardware Reset is achieved by holding Reset/Block Temporary Unprotect Low, VIL, for at
least tPLPX. After Reset/Block Temporary Unprotect goes High, VIH, the memory will be ready
for Bus Read and Bus Write operations after tPHEL or tRHEL, whichever occurs last. See the
Ready/Busy Output section, Table 30: Reset/Block Temporary Unprotect AC Characteristics
and Figure 18 and Figure 19 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com