Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F Datasheet(PDF) 24 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 20Page - STMicroelectronics M29DW128F Datasheet HTML 21Page - STMicroelectronics M29DW128F Datasheet HTML 22Page - STMicroelectronics M29DW128F Datasheet HTML 23Page - STMicroelectronics M29DW128F Datasheet HTML 24Page - STMicroelectronics M29DW128F Datasheet HTML 25Page - STMicroelectronics M29DW128F Datasheet HTML 26Page - STMicroelectronics M29DW128F Datasheet HTML 27Page - STMicroelectronics M29DW128F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
5 Software Protection
M29DW128F
24/93
The Non-Volatile Modify Protection bits cannot be cleared individually, they can only be cleared
all at the same time by issuing a Clear Non-Volatile Modify Protection Bits command.
However if any one of the Non-Volatile Modify Protection bits has to be cleared, care should be
taken to preprogram to ‘1’ all the Non-Volatile Modify Protection Bits prior to issuing the Clear
Non-Volatile Modify Protection bits in order to prevent the over-erasure of previously cleared
Non Volatile Modify Protection bits. It is crucial to prevent over-erasure because the process
may lead to permanent damage to the Non-Volatile Modify Protection Bits and the device does
not have any built-in means of preventing over-erasure.
The device features a volatile Lock-Down bit which can be used to prevent changing the state
of the Non-Volatile Modify Protection bits. When set to ‘1’, the Non-Volatile Modify Protection
bits can no longer be modified; when set to ‘0’, the Non-Volatile Modify Protection bits can be
set and reset using the Set Non-Volatile Modify Protection Bit command and the Clear Non-
Volatile Modify Protection Bits command, respectively.
The Lock-Down bit is set by issuing the Set Lock-Down Bit Command. It is not cleared using a
command, but through a hardware reset or a power-down/power-up sequence.
The parts are shipped with the Non-Volatile Modify Protection bits set to ‘0’.
Locked blocks and Non-Volatile Locked blocks can co-exist in the same memory array.
Refer to Table 10: Block Protection Status and Figure 7: Software Protection Scheme for details
on the block protection mechanism.
5.2
Password Protection Mode
The Password Protection mode provides a more advanced level of software protection than the
Standard Protection mode.
Prior to entering the Password Protection mode, it is necessary to set a password and to verify
it (see Password Program command and Password Verify command). The Password Protection
mode is then activated by programming the Password Protection Mode Lock bit to ‘1’. The
Reset/Block Temporary Unprotect pin, RP, can be at VID or at VIH.
This operation is not reversible and once the bit is programmed the device will permanently
remain in the Password Protection mode.
The Password Protection mode uses the same protection mechanisms as the Standard
Protection mode (Block Lock/Unlock, Non-Volatile Protection).
5.2.1
Block Lock/Unlock Protection
The Block Lock/Unlock Protection operates exactly in the same way as in the Standard
Protection mode.
5.2.2
Non-Volatile Protection
The Non-Volatile Protection is more advanced in the Password Protection mode.
In this mode, the Lock-Down bit cannot be cleared through a hardware reset or a power-down/
power-up sequence.
The Lock-Down bit is cleared by issuing the Password Protection Unlock command along with
the correct password.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com