Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F60NF6F Datasheet(PDF) 52 Page - STMicroelectronics

Part # M29DW128F60NF6F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF6F Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M29DW128F60NF6F Datasheet HTML 48Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 49Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 50Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 51Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 52Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 53Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 54Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 55Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
10 DC and AC parameters
M29DW128F
52/93
10
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 23: Operating and AC Measurement Conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the quoted
parameters.
Table 23.
Operating and AC Measurement Conditions
Figure 10. AC Measurement I/O Waveform
Figure 11. AC Measurement Load Circuit
Parameter
M29DW128F
Unit
60
70
Min
Max
Min
Max
VCC Supply Voltage
2.7
3.6
2.7
3.6
V
Ambient Operating Temperature
–40
85
–40
85
°C
Load Capacitance (CL)
30
30
pF
Input Rise and Fall Times
10
10
ns
Input Pulse Voltages
0 to VCC
0 to VCC
V
Input and Output Timing Ref. Voltages
VCC/2
VCC/2
V
AI05557
VCC
0V
VCC/2
AI05558
CL
CL includes JIG capacitance
DEVICE
UNDER
TEST
25k
Ω
VCC
25k
Ω
VCC
0.1µF
VPP
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com