Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F60NF6F Datasheet(PDF) 28 Page - STMicroelectronics

Part # M29DW128F60NF6F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF6F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M29DW128F60NF6F Datasheet HTML 24Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 25Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 26Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 27Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 28Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 29Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 30Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 31Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
6 Command Interface
M29DW128F
28/93
Table 6. Once the command is issued subsequent Bus Read operations in the same bank
(A22-A19) to the addresses shown in Appendix B: Common Flash Interface (CFI) (A7-A0), will
read from the Common Flash Interface Memory Area.
This command is valid only when the device is in the Read Array or Auto Select mode. To enter
Read CFI query mode from Auto Select mode, the Read CFI Query command must be issued
to the same bank address as the Auto Select command, otherwise the device will not enter
Read CFI Query mode.
The Read/Reset command must be issued to return the device to the previous mode (the Read
Array mode or Auto Select mode). A second Read/Reset command is required to put the
device in Read Array mode from Auto Select mode.
See Appendix B, Table 35, Table 36, Table 37, Table 38, Table 39 and Table 40 for details on
the information contained in the Common Flash Interface (CFI) memory area.
6.1.4
Chip Erase command
The Chip Erase command can be used to erase the entire chip. Six Bus Write operations are
required to issue the Chip Erase Command and start the Program/Erase Controller.
If any blocks are protected, then these are ignored and all the other blocks are erased. If all of
the blocks are protected the Chip Erase operation appears to start but will terminate within
about 100µs, leaving the data unchanged. No error condition is given when protected blocks
are ignored.
During the erase operation the memory will ignore all commands, including the Erase Suspend
command. It is not possible to issue any command to abort the operation. Typical chip erase
times are given in Table 18. All Bus Read operations during the Chip Erase operation will output
the Status Register on the Data Inputs/Outputs. See the section on the Status Register for
more details.
After the Chip Erase operation has completed the memory will return to the Read mode, unless
an error has occurred. When an error occurs the memory will continue to output the Status
Register. A Read/Reset command must be issued to reset the error condition and return to
Read mode.
The Chip Erase Command sets all of the bits in unprotected blocks of the memory to ’1’. All
previous data is lost.
6.1.5
Block Erase command
The Block Erase command can be used to erase a list of one or more blocks in one or more
Banks. It sets all of the bits in the unprotected selected blocks to ’1’. All previous data in the
selected blocks is lost.
Six Bus Write operations are required to select the first block in the list. Each additional block in
the list can be selected by repeating the sixth Bus Write operation using the address of the
additional block. The Block Erase operation starts the Program/Erase Controller after a time-
out period of 50µs after the last Bus Write operation. Once the Program/Erase Controller starts
it is not possible to select any more blocks. Each additional block must therefore be selected
within 50µs of the last block. The 50µs timer restarts when an additional block is selected. After
the sixth Bus Write operation a Bus Read operation within the same Bank will output the Status
Register. See the Status Register section for details on how to identify if the Program/Erase
Controller has started the Block Erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com