Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F60NF6F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M29DW128F60NF6F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF6F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M29DW128F60NF6F Datasheet HTML 25Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 26Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 27Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 28Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 29Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 30Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 31Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 32Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
M29DW128F
6 Command Interface
29/93
If any selected blocks are protected then these are ignored and all the other selected blocks are
erased. If all of the selected blocks are protected the Block Erase operation appears to start but
will terminate within about 100µs, leaving the data unchanged. No error condition is given when
protected blocks are ignored.
During the Block Erase operation the memory will ignore all commands except the Erase
Suspend command and the Read/Reset command which is only accepted during the 50µs
time-out period. Typical block erase times are given in Table 18.
After the Erase operation has started all Bus Read operations to the Banks being erased will
output the Status Register on the Data Inputs/Outputs. See the section on the Status Register
for more details.
After the Block Erase operation has completed the memory will return to the Read mode,
unless an error has occurred.
When an error occurs, Bus Read operations to the Banks where the command was issued will
continue to output the Status Register. A Read/Reset command must be issued to reset the
error condition and return to Read mode.
6.1.6
Erase Suspend command
The Erase Suspend command may be used to temporarily suspend a Block or multiple Block
Erase operation. One Bus Write operation specifying the Bank Address of one of the Blocks
being erased is required to issue the command. Issuing the Erase Suspend command returns
the whole device to Read mode.
The Program/Erase Controller will suspend within the Erase Suspend Latency time (see
Table 18 for value) of the Erase Suspend Command being issued. Once the Program/Erase
Controller has stopped the memory will be set to Read mode and the Erase will be suspended.
If the Erase Suspend command is issued during the period when the memory is waiting for an
additional block (before the Program/Erase Controller starts) then the Erase is suspended
immediately and will start immediately when the Erase Resume Command is issued. It is not
possible to select any further blocks to erase after the Erase Resume.
During Erase Suspend it is possible to Read and Program cells in blocks that are not being
erased; both Read and Program operations behave as normal on these blocks. If any attempt is
made to program in a protected block or in the suspended block then the Program command is
ignored and the data remains unchanged. The Status Register is not read and no error
condition is given. Reading from blocks that are being erased will output the Status Register.
It is also possible to issue the Auto Select, Read CFI Query and Unlock Bypass commands
during an Erase Suspend. The Read/Reset command must be issued to return the device to
Read Array mode before the Resume command will be accepted.
During Erase Suspend a Bus Read operation to the Extended Block will output the Extended
Block data. Once in the Extended Block mode, the Exit Extended Block command must be
issued before the erase operation can be resumed.
6.1.7
Erase Resume command
The Erase Resume command is used to restart the Program/Erase Controller after an Erase
Suspend. The command must include the Bank Address of the Erase-Suspended Bank,
otherwise the Program/Erase Controller is not restarted.
The device must be in Read Array mode before the Resume command will be accepted. An
Erase can be suspended and resumed more than once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com