Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F60NF6F Datasheet(PDF) 44 Page - STMicroelectronics

Part # M29DW128F60NF6F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF6F Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M29DW128F60NF6F Datasheet HTML 40Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 41Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 42Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 43Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 44Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 45Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 46Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 47Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
6 Command Interface
M29DW128F
44/93
Table 17.
Protection Command Addresses
Table 18.
Program, Erase Times and Program, Erase Endurance Cycles
14. Cycle 4 erases all Non-Volatile Modify Protection bits. Cycles 5 and 6 verify that the bits have been successfully cleared
when DQ0=0. If DQ0=1 in the 6th cycle, the erase command must be issued again and verified again. Before issuing the
erase command, all Non-Volatile Modify Protection bits should be programmed to prevent over erasure.
15. DQ1=1 if the Non-Volatile Modify Protection bit is locked, DQ1 = 0 if it is unlocked.
Bit
Condition
Address Inputs A7-A0
Other Address Inputs
Password Protection Mode Lock Bit
Address (PL)
RP at VIH
00001010
X
RP at VID
10001010
X
Standard Protection Mode Lock bit Address (SL)
00010010
X
Non-Volatile Modify Protection Bit Address (NVMP)
01000010
Block Protection Group
Address
Extended Block Protection Bit Address (OW)
00011010
X
Parameter
Min
Typ(1)(2)
1.
Typical values measured at room temperature and nominal voltages.
2.
Sampled, but not 100% tested.
Max(2)
Unit
Chip Erase
80
400(3)
3.
Maximum value measured at worst case conditions for both temperature and VCC after 100,00 program/erase cycles.
s
Block Erase (64 KBytes)
0.8
6(4)
4.
Maximum value measured at worst case conditions for both temperature and VCC.
s
Erase Suspend Latency Time
50(4)
µs
Byte Program
Single or Multiple Byte Program
(1, 2, 4 or 8 Bytes at-a-time)
10
200(3)
µs
Write to Buffer and Program
(64 Bytes at-a-time)
VPP/WP =VPPH
90
µs
VPP/WP=VIH
280
Word Program
Single or Multiple Word Program
(1, 2 or 4 Words at-a-time)
10
200(3)
µs
Write to Buffer and Program
(32 Words at-a-time)
VPP/WP=
VPPH
90
µs
VPP/WP=VIH
280
Chip Program (Byte by Byte)
80
400(3)
s
Chip Program (Word by Word)
40
200(3)
s
Chip Program (Quadruple Byte or Double Word)
20
100(3)
s
Chip Program (Octuple Byte or Quadruple Word)
10
50(3)
s
Program Suspend Latency Time
4
µs
Program/Erase Cycles (per Block)
100,000
cycles
Data Retention
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com