Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F60NF6F Datasheet(PDF) 16 Page - STMicroelectronics

Part # M29DW128F60NF6F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF6F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M29DW128F60NF6F Datasheet HTML 12Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 13Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 14Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 15Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 16Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 17Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 18Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 19Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
2 Signal descriptions
M29DW128F
16/93
Holding RP at VID will temporarily unprotect all the blocks previously protected using a High
Voltage Block Protection technique. Program and erase operations on all blocks will be
possible. The transition from VIH to VID must be slower than tPHPHH.
2.10
Ready/Busy Output (RB)
The Ready/Busy pin is an open-drain output that can be used to identify when the device is
performing a Program or erase operation. During Program or erase operations Ready/Busy is
Low, VOL. Ready/Busy is high-impedance during Read mode, Auto Select mode and Erase
Suspend mode.
After a Hardware Reset, Bus Read and Bus Write operations cannot begin until Ready/Busy
becomes high-impedance. See Table 30: Reset/Block Temporary Unprotect AC Characteristics
and Figure 18 and Figure 19.
The use of an open-drain output allows the Ready/Busy pins from several memories to be
connected to a single pull-up resistor. A Low will then indicate that one, or more, of the
memories is busy.
2.11
Byte/Word Organization Select (BYTE)
It is used to switch between the x8 and x16 Bus modes of the memory when the M29DW128F
is delivered in TSOP56 package. When Byte/Word Organization Select is Low, VIL, the memory
is in x8 mode, when it is High, VIH, the memory is in x16 mode.
2.12
VCCQ Supply Voltage
VCCQ provides the power supply to the I/O and control pins and enables all Outputs to be
powered independently from VCC. VCCQ can be tied to VCC or can use a separate supply.
2.13
VCC Supply Voltage (2.7V to 3.6V)
VCC provides the power supply for all operations (Read, Program and Erase).
The Command Interface is disabled when the VCC Supply Voltage is less than the Lockout
Voltage, VLKO. This prevents Bus Write operations from accidentally damaging the data during
power up, power down and power surges. If the Program/Erase Controller is programming or
erasing during this time then the operation aborts and the memory contents being altered will
be invalid.
A 0.1µF capacitor should be connected between the VCC Supply Voltage pin and the VSS
Ground pin to decouple the current surges from the power supply. The PCB track widths must
be sufficient to carry the currents required during Program and erase operations, ICC2.
2.14
VSS Ground
VSS is the reference for all voltage measurements. The device features two VSS pins both of
which must be connected to the system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com