Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F60NF6F Datasheet(PDF) 30 Page - STMicroelectronics

Part # M29DW128F60NF6F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF6F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M29DW128F60NF6F Datasheet HTML 26Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 27Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 28Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 29Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 30Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 31Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 32Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 33Page - STMicroelectronics M29DW128F60NF6F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
6 Command Interface
M29DW128F
30/93
6.1.8
Program Suspend command
The Program Suspend command allows the system to interrupt a program operation so that
data can be read from any block. When the Program Suspend command is issued during a
program operation, the device suspends the program operation within the Program Suspend
Latency time (see Table 18 for value) and updates the Status Register bits. The Bank
Addresses of the Block being programmed must be specified in the Program Suspend
command.
After the program operation has been suspended, the system can read array data from any
address. However, data read from Program-Suspended addresses is not valid.
The Program Suspend command may also be issued during a program operation while an
erase is suspended. In this case, data may be read from any addresses not in Erase Suspend
or Program Suspend. If a read is needed from the Extended Block area (One-time Program
area), the user must use the proper command sequences to enter and exit this region.
The system may also issue the Auto Select command sequence when the device is in the
Program Suspend mode. The system can read as many Auto Select codes as required. When
the device exits the Auto Select mode, the device reverts to the Program Suspend mode, and is
ready for another valid operation. See Auto Select command sequence for more information.
6.1.9
Program Resume command
After the Program Resume command is issued, the device reverts to programming. The
controller can determine the status of the program operation using the DQ7 or DQ6 status bits,
just as in the standard program operation. See Write Operation Status for more information.
The system must write the Program Resume command, specifying the Bank addresses of the
Program-Suspended Block, to exit the Program Suspend mode and to continue the
programming operation.
Further issuing of the Resume command is ignored. Another Program Suspend command can
be written after the device has resumed programming.
6.1.10 Program command
The Program command can be used to program a value to one address in the memory array at
a time. The command requires four Bus Write operations, the final Write operation latches the
address and data in the internal state machine and starts the Program/Erase Controller.
Programming can be suspended and then resumed by issuing a Program Suspend command
and a Program Resume command, respectively (see Program Suspend command and
Program Resume command paragraphs).
If the address falls in a protected block then the Program command is ignored, the data remains
unchanged. The Status Register is never read and no error condition is given.
After programming has started, Bus Read operations in the Bank being programmed output the
Status Register content, while Bus Read operations to the other Bank output the contents of
the memory array. See the section on the Status Register for more details. Typical program
times are given in Table 18.
After the program operation has completed the memory will return to the Read mode, unless an
error has occurred. When an error occurs Bus Read operations to the Bank where the
command was issued will continue to output the Status Register. A Read/Reset command must
be issued to reset the error condition and return to Read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com