Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT128GSB Datasheet(PDF) 62 Page - STMicroelectronics

Part # M58LT128GSB
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GSB Datasheet(HTML) 62 Page - STMicroelectronics

Back Button M58LT128GSB Datasheet HTML 58Page - STMicroelectronics M58LT128GSB Datasheet HTML 59Page - STMicroelectronics M58LT128GSB Datasheet HTML 60Page - STMicroelectronics M58LT128GSB Datasheet HTML 61Page - STMicroelectronics M58LT128GSB Datasheet HTML 62Page - STMicroelectronics M58LT128GSB Datasheet HTML 63Page - STMicroelectronics M58LT128GSB Datasheet HTML 64Page - STMicroelectronics M58LT128GSB Datasheet HTML 65Page - STMicroelectronics M58LT128GSB Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
11 DC and AC parameters
M58LT128GST, M58LT128GSB
62/98
Table 24.
Write AC Characteristics, Write Enable Controlled
Symbol
Alt
Parameter(1)
1.
Sampled only, not 100% tested.
M58LT128GST,
M58LT128GSB
Unit
110
tAVAV
tWC
Address Valid to Next Address Valid
Min
110
ns
tAVLH
Address Valid to Latch Enable High
Min
11
ns
tAVWH
(2)
2.
These timings are meaningful only if Latch Enable, L, is always kept Low, VIL.
Address Valid to Write Enable High
Min
50
ns
tDVWH
tDS
Data Valid to Write Enable High
Min
50
ns
tELLH
Chip Enable Low to Latch Enable High
Min
11
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
ns
tELQV
Chip Enable Low to Output Valid
Min
110
ns
tELKV
Chip Enable Low to Clock Valid
Min
9
ns
tGHWL
Output Enable High to Write Enable Low
Min
17
ns
tLHAX
Latch Enable High to Address Transition
Min
9
ns
tLLLH
Latch Enable Pulse Width
Min
11
ns
tWHAV
(2)
Write Enable High to Address Valid
Min
0
ns
tWHAX
(2)
Write Enable High to Address Transition
Min
0
ns
tWHDX
tDH
Write Enable High to Input Transition
Min
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
ns
tWHEL
(3)
3.
tWHEL has the values shown when reading in the targeted bank. System designers should take this into account and may
insert a software No-Op instruction to delay the first read in the same bank after issuing a command. If it is a Read Array
operation in a different bank tWHEL is 0ns.
Write Enable High to Chip Enable Low
Min
25
ns
tWHLL
Write Enable High to Latch Enable Low
Min
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
Min
25
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
50
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
ns
tVPHWH
tVPS
VPP High to Write Enable High
Min
200
ns
tWHVPL
Write Enable High to VPP Low
Min
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com