Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT128GSB Datasheet(PDF) 42 Page - STMicroelectronics

Part # M58LT128GSB
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GSB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M58LT128GSB Datasheet HTML 38Page - STMicroelectronics M58LT128GSB Datasheet HTML 39Page - STMicroelectronics M58LT128GSB Datasheet HTML 40Page - STMicroelectronics M58LT128GSB Datasheet HTML 41Page - STMicroelectronics M58LT128GSB Datasheet HTML 42Page - STMicroelectronics M58LT128GSB Datasheet HTML 43Page - STMicroelectronics M58LT128GSB Datasheet HTML 44Page - STMicroelectronics M58LT128GSB Datasheet HTML 45Page - STMicroelectronics M58LT128GSB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
7 Read modes
M58LT128GST, M58LT128GSB
42/98
7
Read modes
Read operations can be performed in two different ways depending on the settings in the
Configuration Register. If the clock signal is ‘don’t care’ for the data output, the read operation is
asynchronous; if the data output is synchronized with clock, the read operation is synchronous.
The read mode and format of the data output are determined by the Configuration Register.
(See Configuration Register section for details). All banks support both asynchronous and
synchronous read operations.
7.1
Asynchronous Read modes
In Asynchronous Read operations the clock signal is ‘don’t care’. The device outputs the data
corresponding to the address latched, that is the memory array, Status Register, Common
Flash Interface or Electronic Signature depending on the command issued. CR15 in the
Configuration Register must be set to ‘1’ for asynchronous operations. In Asynchronous Read
mode, the WAIT signal is always deasserted.
The device features an Automatic Standby mode. During Asynchronous Read operations, after
a bus inactivity of 150ns, the device automatically switches to the Automatic Standby mode. In
this condition the power consumption is reduced to the standby value and the outputs are still
driven.
Asynchronous Read operations can be performed in two different ways, Asynchronous
Random Read and Asynchronous Page Read.
7.1.1
Asynchronous Random Read
Asynchronous Random Read operations are controlled by the Latch Enable, L, signal.
A valid bus operation involves setting the desired address on the Address Inputs, setting Chip
Enable and Latch Enable Low, VIL, and keeping Write Enable High, VIH. The address is latched
on the rising edge of Latch Enable, L, before the value is output on the data bus. Once latched,
the Address Inputs can change. Set Output Enable Low, VIL, to read the data on the Data
Inputs/Outputs.
See Table 22: Asynchronous Read AC Characteristics, and Figure 9: Asynchronous Random
Access Read AC Waveforms for details.
7.1.2
Asynchronous Page Read
Only Asynchronous Page Read takes full advantage of the internal page storage so different
timings are applied. In Asynchronous Page Read mode, a Page of data is internally read and
stored in a Page Buffer. The Page size is 8 Words and is addressed by address inputs A0, A1
and A2.
The first read operation within the Page has the normal access time (tAVQV), subsequent reads
within the same Page have much shorter access times (tAVQV1). If the Page changes then the
normal longer timings apply again.
See Table 22: Asynchronous Read AC Characteristics, Figure 10: Asynchronous Page Read
AC Waveforms for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com