Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT128GSB Datasheet(PDF) 45 Page - STMicroelectronics

Part # M58LT128GSB
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GSB Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M58LT128GSB Datasheet HTML 41Page - STMicroelectronics M58LT128GSB Datasheet HTML 42Page - STMicroelectronics M58LT128GSB Datasheet HTML 43Page - STMicroelectronics M58LT128GSB Datasheet HTML 44Page - STMicroelectronics M58LT128GSB Datasheet HTML 45Page - STMicroelectronics M58LT128GSB Datasheet HTML 46Page - STMicroelectronics M58LT128GSB Datasheet HTML 47Page - STMicroelectronics M58LT128GSB Datasheet HTML 48Page - STMicroelectronics M58LT128GSB Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
M58LT128GST, M58LT128GSB
8 Dual Operations and Multiple Bank architecture
45/98
8
Dual Operations and Multiple Bank architecture
The Multiple Bank Architecture of the M58LT128GST and M58LT128GSB gives greater
flexibility for software developers to split the code and data spaces within the memory array.
The Dual Operations feature simplifies the software management of the device by allowing
code to be executed from one bank while another bank is being programmed or erased.
The Dual Operations feature means that while programming or erasing in one bank, read
operations are possible in another bank with zero latency (only one bank at a time is allowed to
be in program or erase mode).
If a read operation is required in a bank, which is programming or erasing, the program or erase
operation can be suspended.
Also if the suspended operation was erase then a program command can be issued to another
block, so the device can have one block in Erase Suspend mode, one programming and other
banks in read mode.
Bus Read operations are allowed in another bank between setup and confirm cycles of
program or erase operations.
By using a combination of these features, read operations are possible at any moment in the
M58LT128GST and M58LT128GSB devices.
Dual operations between the Parameter Bank and either of the CFI, or the Electronic Signature
memory space are not allowed. Table 15 shows which dual operations are allowed or not
between the CFI, the Electronic Signature locations and the memory array.
Table 13 and Table 14 show the dual operations possible in other banks and in the same bank.
Table 13.
Dual Operations Allowed In Other Banks
Status of bank
Commands allowed in another bank
Read
Array
Read
Status
Register
Read
CFI
Query
Read
Electronic
Signature
Program,
Buffer Program
Block
Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
Yes
Yes
Yes
Yes
–
–
Yes
–
Erasing
Yes
Yes
Yes
Yes
–
–
Yes
–
Program Suspended
Yes
Yes
Yes
Yes
–
–
–
Yes
Erase Suspended
Yes
Yes
Yes
Yes
Yes
–
–
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com