Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT128GSB Datasheet(PDF) 31 Page - STMicroelectronics

Part # M58LT128GSB
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GSB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M58LT128GSB Datasheet HTML 27Page - STMicroelectronics M58LT128GSB Datasheet HTML 28Page - STMicroelectronics M58LT128GSB Datasheet HTML 29Page - STMicroelectronics M58LT128GSB Datasheet HTML 30Page - STMicroelectronics M58LT128GSB Datasheet HTML 31Page - STMicroelectronics M58LT128GSB Datasheet HTML 32Page - STMicroelectronics M58LT128GSB Datasheet HTML 33Page - STMicroelectronics M58LT128GSB Datasheet HTML 34Page - STMicroelectronics M58LT128GSB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
M58LT128GST, M58LT128GSB
5 Status Register
31/98
5
Status Register
The Status Register provides information on the current or previous program or erase
operations. Issue a Read Status Register command to read the contents of the Status Register,
refer to Read Status Register Command section for more details. To output the contents, the
Status Register is latched and updated on the falling edge of the Chip Enable or Output Enable
signals and can be read until Chip Enable or Output Enable returns to VIH. The Status Register
can only be read using single Asynchronous or Single Synchronous reads. Bus Read
operations from any address within the bank, always read the Status Register during program
and erase operations.
The various bits convey information about the status and any errors of the operation. Bits SR7,
SR6, SR2 and SR0 give information on the status of the device and are set and reset by the
device. Bits SR5, SR4, SR3 and SR1 give information on errors, they are set by the device but
must be reset by issuing a Clear Status Register command or a hardware reset. If an error bit is
set to ‘1’ the Status Register should be reset before issuing another command.
Refer to Table 9: Status Register Bits in conjunction with the following text descriptions.
5.1
Program/Erase Controller Status Bit (SR7)
The Program/Erase Controller Status bit indicates whether the Program/Erase Controller is
active or inactive in any bank.
When the Program/Erase Controller Status bit is Low (set to ‘0’), the Program/Erase Controller
is active; when the bit is High (set to ‘1’), the Program/Erase Controller is inactive, and the
device is ready to process a new command.
The Program/Erase Controller Status bit is Low immediately after a Program/Erase Suspend
command is issued until the Program/Erase Controller pauses. After the Program/Erase
Controller pauses the bit is High.
5.2
Erase Suspend Status Bit (SR6)
The Erase Suspend Status bit indicates that an erase operation has been suspended in the
addressed block. When the Erase Suspend Status bit is High (set to ‘1’), a Program/Erase
Suspend command has been issued and the memory is waiting for a Program/Erase Resume
command.
The Erase Suspend Status bit should only be considered valid when the Program/Erase
Controller Status bit is High (Program/Erase Controller inactive). SR6 is set within the Erase
Suspend Latency time of the Program/Erase Suspend command being issued therefore the
memory may still complete the operation rather than entering the Suspend mode.
When a Program/Erase Resume command is issued the Erase Suspend Status bit returns
Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com