Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT128GSB Datasheet(PDF) 69 Page - STMicroelectronics

Part # M58LT128GSB
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GSB Datasheet(HTML) 69 Page - STMicroelectronics

Back Button M58LT128GSB Datasheet HTML 65Page - STMicroelectronics M58LT128GSB Datasheet HTML 66Page - STMicroelectronics M58LT128GSB Datasheet HTML 67Page - STMicroelectronics M58LT128GSB Datasheet HTML 68Page - STMicroelectronics M58LT128GSB Datasheet HTML 69Page - STMicroelectronics M58LT128GSB Datasheet HTML 70Page - STMicroelectronics M58LT128GSB Datasheet HTML 71Page - STMicroelectronics M58LT128GSB Datasheet HTML 72Page - STMicroelectronics M58LT128GSB Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
69/98
Appendix A Block address tables
The following set of equations can be used to calculate a complete set of block addresses for
the M58LT128GST and M58LT128GSB using the information contained in Table 30 to Table 35.
To calculate the Block Base Address from the Block Number:
First it is necessary to calculate the Bank Number and the Block Number Offset. This can be
achieved using the following formulas:
Bank_Number = (Block_Number
− 3) / 16
Block_Number_Offset = Block_Number
− 3 − (Bank_Number x 16)
If Bank_Number = 0, the Block Base Address can be directly read from Table 30 and Table 33
(Parameter Bank Block Addresses) in the Address Range column, in the row that corresponds
to the given block number.
Otherwise:
Block_Base_Address = Bank_Base_Address + Block_Base_Address_Offset
To calculate the Bank Number and the Block Number from the Block Base Address:
If the address is in the range of the Parameter Bank, the Bank Number is 0 and the Block
Number can be directly read from Table 30 for the M58LT128GST and Table 33 for the
M58LT128GSB (Parameter Bank Block Addresses), in the Block Number column, in the row
that corresponds to the address given. Otherwise, the Block Number can be calculated using
the formulas below:
For the top configuration (M58LT128GST):
Block_Number = ((NOT address) / 2
16) + 3
For the bottom configuration (M58LT128GSB):
Block_Number = (address / 2
16) + 3
For both configurations the Bank Number and the Block Number Offset can be calculated using
the following formulas:
Bank_Number = (Block_Number
− 3) / 16
Block_Number_Offset = Block_Number
−3 − (Bank_Number x 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com