Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT128GSB Datasheet(PDF) 70 Page - STMicroelectronics

Part # M58LT128GSB
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GSB Datasheet(HTML) 70 Page - STMicroelectronics

Back Button M58LT128GSB Datasheet HTML 66Page - STMicroelectronics M58LT128GSB Datasheet HTML 67Page - STMicroelectronics M58LT128GSB Datasheet HTML 68Page - STMicroelectronics M58LT128GSB Datasheet HTML 69Page - STMicroelectronics M58LT128GSB Datasheet HTML 70Page - STMicroelectronics M58LT128GSB Datasheet HTML 71Page - STMicroelectronics M58LT128GSB Datasheet HTML 72Page - STMicroelectronics M58LT128GSB Datasheet HTML 73Page - STMicroelectronics M58LT128GSB Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
13 Part Numbering
M58LT128GST, M58LT128GSB
70/98
Table 30.
M58LT128GST - Parameter Bank Block Addresses
Table 31.
M58LT128GST - Main Bank Base Addresses
1.
There are two Bank Regions: Bank Region 1 contains all the banks that are made up of main blocks only; Bank
Region 2 contains the banks that are made up of the parameter and main blocks (Parameter Bank).
Block Number
Size (KWords)
Address Range
0
16
7FC000-7FFFFF
1
16
7F8000-7FBFFF
2
16
7F4000-7F7FFF
3
16
7F0000-7F3FFF
4
64
7E0000-7EFFFF
5
64
7D0000-7DFFFF
6
64
7C0000-7CFFFF
7
64
7B0000-7BFFFF
8
64
7A0000-7AFFFF
9
64
790000-79FFFF
10
64
780000-78FFFF
Bank Number
Block Numbers
Bank Base Address
1
11-18
700000
2
19-26
680000
3
27-34
600000
4
35-42
580000
5
43-50
500000
6
51-58
480000
7
59-66
400000
8
67-74
380000
9
75-82
300000
10
83-90
280000
11
91-98
200000
12
99-106
180000
13
107-114
100000
14
115-122
080000
15
123-130
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com