Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 19Page - NXP Semiconductors LPC183X Datasheet HTML 20Page - NXP Semiconductors LPC183X Datasheet HTML 21Page - NXP Semiconductors LPC183X Datasheet HTML 22Page - NXP Semiconductors LPC183X Datasheet HTML 23Page - NXP Semiconductors LPC183X Datasheet HTML 24Page - NXP Semiconductors LPC183X Datasheet HTML 25Page - NXP Semiconductors LPC183X Datasheet HTML 26Page - NXP Semiconductors LPC183X Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
23 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
P4_6
C1
-
11
17
[2]
N;
PU
I/O
GPIO2[6] — General purpose digital input/output pin.
O
CTOUT_4 — SCTimer/PWM output 4. Match output 3 of timer
3.
O
LCD_ENAB/LCDM — STN AC bias drive or TFT data enable
input.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
P4_7
H4
-
14
21
[2]
O;
PU
O
LCD_DCLK — LCD panel clock.
I
GP_CLKIN — General-purpose clock input to the CGU.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I/O
I2S1_TX_SCK — Transmit Clock. It is driven by the master
and received by the slave. Corresponds to the signal SCK in
the I2S-bus specification.
I/O
I2S0_TX_SCK — Transmit Clock. It is driven by the master
and received by the slave. Corresponds to the signal SCK in
the I2S-bus specification.
P4_8
E2
-
15
23
[2]
N;
PU
-
R — Function reserved.
I
CTIN_5 — SCTimer/PWM input 5. Capture input 2 of timer 2.
O
LCD_VD9 — LCD data.
-
R — Function reserved.
I/O
GPIO5[12] — General purpose digital input/output pin.
O
LCD_VD22 — LCD data.
O
CAN1_TD — CAN1 transmitter output.
-
R — Function reserved.
P4_9
L2
-
33
48
[2]
N;
PU
-
R — Function reserved.
I
CTIN_6 — SCTimer/PWM input 6. Capture input 1 of timer 3.
O
LCD_VD11 — LCD data.
-
R — Function reserved.
I/O
GPIO5[13] — General purpose digital input/output pin.
O
LCD_VD15 — LCD data.
I
CAN1_RD — CAN1 receiver input.
-
R — Function reserved.
Table 3.
Pin description …continued
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com