Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 92 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 88Page - NXP Semiconductors LPC183X Datasheet HTML 89Page - NXP Semiconductors LPC183X Datasheet HTML 90Page - NXP Semiconductors LPC183X Datasheet HTML 91Page - NXP Semiconductors LPC183X Datasheet HTML 92Page - NXP Semiconductors LPC183X Datasheet HTML 93Page - NXP Semiconductors LPC183X Datasheet HTML 94Page - NXP Semiconductors LPC183X Datasheet HTML 95Page - NXP Semiconductors LPC183X Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
92 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
IOL
LOW-level output
current
VOL = 0.4 V
8
--mA
IOHS
HIGH-level short-circuit
output current
drive HIGH; connected to
ground
[10] --86
mA
IOLS
LOW-level short-circuit
output current
drive LOW; connected to
VDD(IO)
[10] --76
mA
Ipd
pull-down current
VI =VDD(IO)
[12]
[13]
[14]
-62
-
A
Ipu
pull-up current
VI =0V
[12]
[13]
[14]
-
62
-
A
VDD(IO) <VI  5V
-
0
-
A
Open-drain I2C0-bus pins
VIH
HIGH-level input
voltage
0.7
VDD(IO)
--V
VIL
LOW-level input voltage
0
0.14
0.3
VDD(IO)
V
Vhys
hysteresis voltage
0.1
VDD(IO)
--V
VOL
LOW-level output
voltage
IOLS = 3 mA
--0.4
V
ILI
input leakage current
VI =VDD(IO)
[11] -4.5
-
A
VI = 5 V
--10
A
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
0.5
-
1.2
V
Vo(XTAL2)
output voltage on pin
XTAL2
0.5
-
1.2
V
Cio
input/output
capacitance
[15] --0.8
pF
USB0 pins[16]
VI
input voltage
on pins USB0_DP;
USB0_DM; USB0_VBUS
VDD(IO)  2.4 V
0
-
5.5
V
VDD(IO) = 0 V
0
-
3.6
V
Rpd
pull-down resistance
on pin USB0_VBUS
48
64
80
k
VIC
common-mode input
voltage
high-speed mode
50
200
500
mV
full-speed/low-speed
mode
800
-
2500
mV
chirp mode
50
-
600
mV
Vi(dif)
differential input voltage
100
400
1100
mV
USB1 pins (USB1_DP/USB1_DM)[16]
IOZ
OFF-state output
current
0V<VI <3.3 V
[16] --
10
A
Table 11.
Static characteristics …continued
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com