Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 3Page - NXP Semiconductors LPC183X Datasheet HTML 4Page - NXP Semiconductors LPC183X Datasheet HTML 5Page - NXP Semiconductors LPC183X Datasheet HTML 6Page - NXP Semiconductors LPC183X Datasheet HTML 7Page - NXP Semiconductors LPC183X Datasheet HTML 8Page - NXP Semiconductors LPC183X Datasheet HTML 9Page - NXP Semiconductors LPC183X Datasheet HTML 10Page - NXP Semiconductors LPC183X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
7 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
6.
Pinning information
6.1 Pinning
6.2 Pin description
On the LPC185x/3x/2x/1x, digital pins are grouped into 16 ports, named P0 to P9 and PA
to PF, with up to 20 pins used per port. Each digital pin can support up to eight different
digital functions, including General-Purpose I/O (GPIO), selectable through the SCU
registers.
The pin name is not indicative of the GPIO port assigned to it.
The parts contain two 10-bit ADCs (ADC0 and ADC1). The input channels of ADC0 and
ADC1 on dedicated pins and multiplexed pins are combined in such a way that all channel
0 inputs (named ADC0_0 and ADC1_0) are tied together and connected to both, channel
Fig 2.
Pin configuration LBGA256 package
Fig 3.
Pin configuration TFBGA100 package
002aag541
LPC185x/3xFET256
Transparent top view
T
R
P
N
M
L
J
G
K
H
F
E
D
C
B
A
2
4
6
8
10
12
13
14
15
16
13579
11
ball A1
index area
002aah356
LPC183x/2x/1xFET100
Transparent top view
J
G
K
H
F
E
D
C
B
A
2468
10
13579
ball A1
index area
Fig 4.
Pin configuration LQFP208 package
Fig 5.
Pin configuration LQFP144 package
LPC1857/53FBD208
104
53
157
208
002aag543
LPC183x/2x/1xFBD144
72
37
109
144
002aah357



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com