Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 86 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 82Page - NXP Semiconductors LPC183X Datasheet HTML 83Page - NXP Semiconductors LPC183X Datasheet HTML 84Page - NXP Semiconductors LPC183X Datasheet HTML 85Page - NXP Semiconductors LPC183X Datasheet HTML 86Page - NXP Semiconductors LPC183X Datasheet HTML 87Page - NXP Semiconductors LPC183X Datasheet HTML 88Page - NXP Semiconductors LPC183X Datasheet HTML 89Page - NXP Semiconductors LPC183X Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
86 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
9.
Thermal characteristics
The average chip junction temperature, Tj (C), can be calculated using the following
equation:
(1)
• Tamb = ambient temperature (C),
• Rth(j-a) = the package junction-to-ambient thermal resistance (C/W)
• PD = sum of internal and I/O power dissipation
The internal power dissipation is the product of IDD(REG)(3V3) and VDD(REG)(3V3). The I/O
power dissipation of the I/O pins is often small and many times can be negligible. However
it can be significant in some applications.
Table 8.
Thermal characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Tj(max)
maximum junction
temperature
--125
C
Table 9.
Thermal resistance (LQFP packages)
Symbol Parameter
Conditions
Thermal resistance in
C/W ±15 %
LQFP144
LQFP208
Rth(j-a)
thermal resistance
from junction to
ambient
JEDEC (4.5 in
 4 in); still
air
38
31
Single-layer (4.5 in
 3 in);
still air
50
39
Rth(j-c)
thermal resistance
from junction to case
11
10
Table 10.
Thermal resistance value (BGA packages)
Symbol Parameter
Conditions
Thermal resistance in
C/W ±15 %
LBGA256
TFBGA100
Rth(j-a)
thermal resistance from
junction to ambient
JEDEC (4.5 in
 4 in);
still air
29
46
8-layer (4.5 in
 3 in);
still air
24
37
Rth(j-c)
thermal resistance from
junction to case
14
11
T
j
T
amb
P
D
R
th j
a
–


+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com