Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 100 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 96Page - NXP Semiconductors LPC183X Datasheet HTML 97Page - NXP Semiconductors LPC183X Datasheet HTML 98Page - NXP Semiconductors LPC183X Datasheet HTML 99Page - NXP Semiconductors LPC183X Datasheet HTML 100Page - NXP Semiconductors LPC183X Datasheet HTML 101Page - NXP Semiconductors LPC183X Datasheet HTML 102Page - NXP Semiconductors LPC183X Datasheet HTML 103Page - NXP Semiconductors LPC183X Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
100 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
Conditions: VDD(REG)(3V3) =VDD(IO) = 3.3 V; normal-drive;
EHD = 0x0.
Conditions: VDD(REG)(3V3) =VDD(IO) =3.3 V;
medium-drive; EHD = 0x1.
Conditions: VDD(REG)(3V3) =VDD(IO) = 3.3 V; high-drive;
EHD = 0x2.
Conditions: VDD(REG)(3V3) =VDD(IO) = 3.3 V; ultra
high-drive; EHD = 0x3.
Fig 21. High-drive pins; typical LOW level output current IOL versus LOW level output voltage VOL
002aah360
0
0.1
0.2
0.3
0.4
0.5
0.6
0
3
6
9
12
15
VOL (V)
IOL
(mA)
-40 °C
+25 °C
+85 °C
+105 °C
002aah361
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
VOL (V)
IOL
(mA)
-40 °C
+25 °C
+85 °C
+105 °C
002aah362
0
0.1
0.2
0.3
0.4
0.5
0.6
0
8
16
24
32
40
VOL (V)
IOL
(mA)
-40 °C
+25 °C
+85 °C
+105 °C
002aah363
0
0.1
0.2
0.3
0.4
0.5
0.6
0
15
30
45
60
VOL (V)
IOL
(mA)
-40 °C
+25 °C
+85 °C
+105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com