Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 104 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 100Page - NXP Semiconductors LPC183X Datasheet HTML 101Page - NXP Semiconductors LPC183X Datasheet HTML 102Page - NXP Semiconductors LPC183X Datasheet HTML 103Page - NXP Semiconductors LPC183X Datasheet HTML 104Page - NXP Semiconductors LPC183X Datasheet HTML 105Page - NXP Semiconductors LPC183X Datasheet HTML 106Page - NXP Semiconductors LPC183X Datasheet HTML 107Page - NXP Semiconductors LPC183X Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
104 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
11. Dynamic characteristics
11.1 Flash/EEPROM memory
[1]
Number of erase/program cycles.
[2]
Programming times are given for writing 512 bytes from RAM to the flash. Data must be written to the flash
in blocks of 512 bytes.
[1]
See the LPC18xx user manual how to program the wait states for the different read (RPHASEx) and erase/program phases (PHASEx)
Table 15.
Flash characteristics
Tamb = 40 C to +105 C, unless otherwise specified. VDD(REG)(3V3) = 2.4 V to 3.6 V for read
operations; VDD(REG)(3V3) = 2.7 V to 3.6 V for erase/program operations.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
sector erase/program
[1] 10000
-
-
cycles
page erase/program; page
in large sector
1000
-
-
cycles
page erase/program; page
in small sector
10000
-
-
cycles
tret
retention time
powered
10
-
-
years
unpowered
10
-
-
years
ter
erase time
page, sector, or multiple
consecutive sectors
-100
-
ms
tprog
programming
time
[2] -1
-
ms
Table 16.
EEPROM characteristics
Tamb = 40 Cto+105 C; VDD(REG)(3V3) = 2.7 V to 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
800
1500
1600
kHz
Nendu
endurance
100 000
-
-
cycles
tret
retention time
Tamb = 40 Cto+85 C
20
-
-
years
85
C < T
amb  105 C
10
-
-
years
ta
access time
read
-
120
-
ns
erase/program;
fclk = 1500 kHz
-1.99
-
ms
erase/program;
fclk = 1600 kHz
-1.87
-
ms
twait
wait time
read; RPHASE1
[1]
35
-
-
ns
read; RPHASE2
[1]
70
-
-
ns
write; PHASE1
[1]
20
-
-
ns
write; PHASE2
[1]
40
-
-
ns
write; PHASE3
[1]
10
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com