Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 105 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 101Page - NXP Semiconductors LPC183X Datasheet HTML 102Page - NXP Semiconductors LPC183X Datasheet HTML 103Page - NXP Semiconductors LPC183X Datasheet HTML 104Page - NXP Semiconductors LPC183X Datasheet HTML 105Page - NXP Semiconductors LPC183X Datasheet HTML 106Page - NXP Semiconductors LPC183X Datasheet HTML 107Page - NXP Semiconductors LPC183X Datasheet HTML 108Page - NXP Semiconductors LPC183X Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
105 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
11.2 Wake-up times
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[2]
Tcy(clk) = 1/CCLK with CCLK = CPU clock frequency.
11.3 External clock for oscillator in slave mode
Remark: The input voltage on the XTAL1/2 pins must be
 1.2 V (see Table 11). For
connecting the oscillator to the XTAL pins, also see Section 13.2 and Section 13.4.
[1]
Parameters are valid over operating temperature range unless otherwise specified.
Table 17.
Dynamic characteristic: Wake-up from Deep-sleep, Power-down, and Deep
power-down modes
Tamb = 40 C to +105 C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
twake
wake-up time from Sleep mode
[2] 3
 T
cy(clk)
5
 T
cy(clk)
-ns
from Deep-sleep and
Power-down mode
12
51
-
s
from Deep power-down mode
-
200
-
μs
after reset
-
200
-
μs
Table 18.
Dynamic characteristic: external clock
Tamb = 40 C to +105 C; VDD(IO) over specified ranges.[1]
Symbol Parameter
Conditions
Min
Max
Unit
fosc
oscillator frequency
1
25
MHz
Tcy(clk)
clock cycle time
40
1000
ns
tCHCX
clock HIGH time
Tcy(clk)  0.4
Tcy(clk)  0.6
ns
tCLCX
clock LOW time
Tcy(clk)  0.4
Tcy(clk)  0.6
ns
Fig 25. External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)
tCLCX
tCHCX
Tcy(clk)
002aag698



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com