Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 102 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 98Page - NXP Semiconductors LPC183X Datasheet HTML 99Page - NXP Semiconductors LPC183X Datasheet HTML 100Page - NXP Semiconductors LPC183X Datasheet HTML 101Page - NXP Semiconductors LPC183X Datasheet HTML 102Page - NXP Semiconductors LPC183X Datasheet HTML 103Page - NXP Semiconductors LPC183X Datasheet HTML 104Page - NXP Semiconductors LPC183X Datasheet HTML 105Page - NXP Semiconductors LPC183X Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
102 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
Conditions: VDD(IO) = 3.3 V. Simulated data over process and temperature.
Fig 23. Pull-up current Ipu versus input voltage VI
Conditions: VDD(IO) = 3.3 V. Simulated data over process and temperature.
Fig 24. Pull-down current Ipd versus input voltage VI
002aah422
0
1
2
3
4
5
-80
-60
-40
-20
0
20
VI (V)
Ipu
Ipu
Ipu
(μA)
(μA)
(μA)
+105 C
+105 C
+105
°C
+25 C
+25 C
+25
°C
-40 C
-40 C
-40
°C
002aah418
0
1
2
3
4
5
0
30
60
90
120
VI (V)
Ipd
Ipd
Ipd
(μA)
(μA)
(μA)
-40 C
-40 C
-40
°C
+25 C
+25 C
+25
°C
+105 C
+105 C
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com