Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 96 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 92Page - NXP Semiconductors LPC183X Datasheet HTML 93Page - NXP Semiconductors LPC183X Datasheet HTML 94Page - NXP Semiconductors LPC183X Datasheet HTML 95Page - NXP Semiconductors LPC183X Datasheet HTML 96Page - NXP Semiconductors LPC183X Datasheet HTML 97Page - NXP Semiconductors LPC183X Datasheet HTML 98Page - NXP Semiconductors LPC183X Datasheet HTML 99Page - NXP Semiconductors LPC183X Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
96 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
Conditions: VDD(REG)(3V3) = VDD(IO) = 3.3 V.
Conditions: VDD(REG)(3V3) = VDD(IO) = 3.3 V.
Fig 14. Typical supply current versus temperature in
Deep-sleep mode
Fig 15. Typical supply current versus temperature in
Power-down mode
002aah410
-40
0
40
80
120
0
0.4
0.8
1.2
1.6
temperature (°C)
(μA)
(μA)
IDD(REG)(3V3)
(mA)
002aah412
-40
0
40
80
120
0
60
120
180
240
300
temperature (°C)
(μA)
(μA)
IDD(REG)(3V3)
(μA)
Conditions: VDD(REG)(3V3) = VDD(IO) = 3.3 V. VBAT =
VDD(REG)(3V3) + 0.4 V.
Conditions: VBAT = 3.6 V. VDD(REG)(3V3) not present.
Fig 16. Typical supply current versus temperature in
Deep power-down mode
Fig 17. Typical battery supply current versus
temperature
002aah424
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
temperature (°C)
(μA)
(μA)
IBAT
IBAT
IDD(REG)(3V3)/IBAT
(μA)
IBAT
IDD(REG)(3V3)
002aah415
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
temperature (°C)
IBAT
IBAT
IBAT
(μA)
(μA)
(μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com