Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 107 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 103Page - NXP Semiconductors LPC183X Datasheet HTML 104Page - NXP Semiconductors LPC183X Datasheet HTML 105Page - NXP Semiconductors LPC183X Datasheet HTML 106Page - NXP Semiconductors LPC183X Datasheet HTML 107Page - NXP Semiconductors LPC183X Datasheet HTML 108Page - NXP Semiconductors LPC183X Datasheet HTML 109Page - NXP Semiconductors LPC183X Datasheet HTML 110Page - NXP Semiconductors LPC183X Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
107 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
11.7 GPCLKIN
11.8 I/O pins
[1]
Simulated data.
Table 22.
Dynamic characteristic: GPCLKIN
Tamb =25 C; 2.4 V VDD(REG)(3V3) 3.6 V
Symbol
Parameter
Min
Typ
Max
Unit
GP_CLKIN
input frequency
-
-
25
MHz
Table 23.
Dynamic characteristic: I/O pins[1]
Tamb = 40 C to +105 C; 2.7 V VDD(IO) 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Standard I/O pins - normal drive strength
tr
rise time
pin configured as output; EHS = 1
[2][3]
1.0
-
2.5
ns
tf
fall time
pin configured as output; EHS = 1
[2][3]
0.9
-
2.5
ns
tr
rise time
pin configured as output; EHS = 0
[2][3]
1.9
-
4.3
ns
tf
fall time
pin configured as output; EHS = 0
[2][3]
1.9
-
4.0
ns
tr
rise time
pin configured as input
[4]
0.3
-
1.3
ns
tf
fall time
pin configured as input
[4]
0.2
-
1.2
ns
I/O pins - high drive strength
tr
rise time
pin configured as output; standard
drive mode (EHD = 0x0)
[2][5]
4.3
-
7.9
ns
tf
fall time
pin configured as output; standard
drive mode (EHD = 0x0)
[2][5]
4.7
-
8.7
ns
tr
rise time
pin configured as output; medium
drive mode (EHD = 0x1)
[2][5]
3.2
-
5.7
ns
tf
fall time
pin configured as output; medium
drive mode (EHD = 0x1)
[2][5]
3.2
-
5.5
ns
tr
rise time
pin configured as output; high drive
mode (EHD = 0x2)
[2][5]
2.9
-
4.9
ns
tf
fall time
pin configured as output; high drive
mode (EHD = 0x2)
[2][5]
2.5
-
3.9
ns
tr
rise time
pin configured as output; ultra-high
drive mode (EHD = 0x3)
[2][5]
2.8
-
4.7
ns
tf
fall time
pin configured as output; ultra-high
drive mode (EHD = 0x3)
[2][5]
2.4
-
3.4
ns
tr
rise time
pin configured as input
[4]
0.3
-
1.3
ns
tf
fall time
pin configured as input
[4]
0.2
-
1.2
ns
I/O pins - high-speed
tr
rise time
pin configured as output; EHS = 1
[2][3]
350
-
670
ps
tf
fall time
pin configured as output; EHS = 1
[2][3]
450
-
730
ps
tr
rise time
pin configured as output; EHS = 0
[2][3]
1.0
-
1.9
ns
tf
fall time
pin configured as output; EHS = 0
[2][3]
1.0
-
2.0
ns
tr
rise time
pin configured as input
[4]
0.3
-
1.3
ns
tf
fall time
pin configured as input
[4]
0.2
-
1.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com