Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 112 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 108Page - NXP Semiconductors LPC183X Datasheet HTML 109Page - NXP Semiconductors LPC183X Datasheet HTML 110Page - NXP Semiconductors LPC183X Datasheet HTML 111Page - NXP Semiconductors LPC183X Datasheet HTML 112Page - NXP Semiconductors LPC183X Datasheet HTML 113Page - NXP Semiconductors LPC183X Datasheet HTML 114Page - NXP Semiconductors LPC183X Datasheet HTML 115Page - NXP Semiconductors LPC183X Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
112 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
11.12 SSP interface
Table 27.
Dynamic characteristics: SSP pins in SPI mode
Tamb = 40 C to +105 C; 2.4 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V; CL = 20 pF; sampled at 10 % and 90 % of
the signal level; EHS = 1 for all pins. Simulated values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SSP master
Tcy(clk)
clock cycle time
full-duplex mode
[1]
1/(25.5
 106)-
-
s
when only transmitting
1/(51
 106)-
-
s
tDS
data set-up time
in SPI mode
12.2
-
-
ns
tDH
data hold time
in SPI mode
3.6
-
-
ns
tv(Q)
data output valid
time
in SPI mode
-
-
6.7
ns
th(Q)
data output hold
time
in SPI mode
1.7
-
-
ns
tlead
lead time
continuous transfer mode
SPI mode; CPOL = 0;
CPHA = 0
Tcy(clk) + 3.3
-
Tcy(clk) + 8.2
ns
SPI mode; CPOL = 0;
CPHA = 1
0.5
 T
cy(clk) + 3.3 -
0.5
 T
cy(clk) + 8.2
ns
SPI mode; CPOL = 1;
CPHA = 0
Tcy(clk) + 3.3
-
Tcy(clk) + 8.2
ns
SPI mode; CPOL = 1;
CPHA = 1
0.5
 T
cy(clk) + 3.3 -
0.5
 T
cy(clk) + 8.2
ns
synchronous serial
frame mode
0.5
 T
cy(clk) + 3.3 -
0.5
 T
cy(clk) + 8.2
ns
microwire frame format
Tcy(clk) + 3.3
-
Tcy(clk) + 8.2
ns
tlag
lag time
continuous transfer mode
SPI mode; CPOL = 0;
CPHA = 0
0.5
 T
cy(clk)
--
ns
SPI mode; CPOL = 0;
CPHA = 1
Tcy(clk)
--
ns
SPI mode; CPOL = 1;
CPHA = 0
0.5
 T
cy(clk)
--
ns
SPI mode; CPOL = 1;
CPHA = 1
Tcy(clk)
--
ns
synchronous serial
frame mode
Tcy(clk)
--
ns
microwire frame format
0.5
 T
cy(clk)
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com