Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ESV33 Datasheet(PDF) 80 Page - Infineon Technologies AG

Part # TLE9461ESV33
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ESV33 Datasheet(HTML) 80 Page - Infineon Technologies AG

Back Button TLE9461ESV33 Datasheet HTML 76Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 77Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 78Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 79Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 80Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 81Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 82Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 83Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 84Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 140 page
background image
TLE9461ES V33
Lite CAN SBC Family
Fail Output (FO) and General Purpose I/O (GPIO)
Datasheet
80
Rev.1.1
2019-09-27
11.2
Electrical Characteristics
Table 23
Electrical Characteristics
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
FO and Alternative Function GPIO
FO Low-Side output
voltage (active)
VFO,L1
–
–
1
V
If configured as Fail-
Output;
IFO = 4.0mA
P_12.2.1
GPIO Low-Side output
voltage (active)
VGPIOL,L1
–
–
1
V
If configured as Low-
Side Switch
IGPIO = 30mA
P_12.2.3
GPIO Low-Side output
voltage (active)
VGPIOL,L2
––
5
mV
1)If configured as
Low-Side Switch;
IGPIO = 100µA
P_12.2.4
GPIO High-Side output
voltage (active)
VGPIOH,H1
VS-1
–
–
V
If configured as High-
Side Switch;
IGPO = -30mA
P_12.2.5
GPIO High-Side output
voltage (active)
VGPIOH,H2
VS-5
–
–
mV
1)If configured as
High-Side Switch;
IGPO = -100µA
P_12.2.6
GPIO input threshold
voltage (WK config)
VGPIOI,th
1.5
2.5
3.5
V
hysteresis included;
pull-up / pull-down
sources disabled
P_12.2.7
GPIO input threshold
hysteresis (WK config)
VGPIOI,hys
0.6
0.9
1.3
V
1) pull-up / pull-down
sources disabled
P_12.2.8
GPIO input filter time
(WK config)
tF_GPIO_WK
13
16
20
µs
2)
P_12.2.19
FO/GPIO input leakage
current (all inactive)
IGPIO,LK
-2
–
2
µA
0V < VGPIO < VS
P_12.2.9
GPIO wake input
activation blanking
time
tGPIO,WK,blank 24
30
40
µs
2)after enabling as
wake input
P_12.2.10
GPIO LS overcurrent
Shutdown Threshold
IGPIOL,SD
30
–
65
mA
VGPIO = VS, hysteresis
included
P_12.2.11
GPIO HS overcurrent
Shutdown Threshold
IGPIOH,SD
-65
–
-30
mA
VGPIO = 0V, hysteresis
included
P_12.2.12
GPIO overcurrent
shutdown filter time
tGPIO,OC
20
26
32
µs
2)applies for HS and
LS configuration
P_12.2.13
GPIO HS open load
detection
IGPIOH,OL
-3.0
–
-0.5
mA
in On-state,
hysteresis included
P_12.2.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com