Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ESV33 Datasheet(PDF) 84 Page - Infineon Technologies AG

Part # TLE9461ESV33
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ESV33 Datasheet(HTML) 84 Page - Infineon Technologies AG

Back Button TLE9461ESV33 Datasheet HTML 80Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 81Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 82Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 83Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 84Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 85Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 86Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 87Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 88Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 140 page
background image
TLE9461ES V33
Lite CAN SBC Family
Supervision Functions
Datasheet
84
Rev.1.1
2019-09-27
12.2
Watchdog Function
The watchdog is used to monitor the software execution of the microcontroller and to trigger a reset if the
microcontroller stops serving the watchdog due to a lock up in the software.
Two different types of watchdog functions are implemented and can be selected via the bit WD_WIN:
• Time-Out Watchdog (default value)
•Window Watchdog
The respective watchdog functions can be selected and programmed in SBC Normal Mode. The configuration
stays unchanged in SBC Stop Mode.
Please refer to Table 24 to match the SBC Modes with the respective watchdog modes.
The watchdog timing is programmed via SPI command in the register WD_CTRL. As soon as the watchdog is
programmed, the timer starts with the new setting and the watchdog must be served. The watchdog is
triggered by sending a valid SPI-write command to the watchdog configuration register. The watchdog trigger
command is executed when the SPI command is interpreted, i.e. 3 clock cycles (typ. 3µs) after the transition
of Chip Select input (CSN) from Low to High.
When coming from SBC Init, SBC Restart Mode or in certain cases from SBC Stop Mode, the watchdog timer is
always started with a long open window. The long open window (tLW = 200ms) allows the microcontroller to
run its initialization sequences and then to trigger the watchdog via SPI.
The watchdog timer period can be selected via the watchdog timing bit field (WD_TIMER) and is in the range
of 10 ms to 10000 ms. This setting is valid for both watchdog types.
The following watchdog timer periods are available:
• WD Setting 1: 10ms
• WD Setting 2: 20ms
• WD Setting 3: 50ms
• WD Setting 4: 100ms
• WD Setting 5: 200ms
• WD Setting 6: 500ms
• WD Setting 7: 1000ms
• WD Setting 8: 10000ms
In case of a watchdog reset, SBC Restart or SBC Fail-Safe Mode is entered according to the configuration and
the SPI bits WD_FAIL are set. Once the RSTN goes High again the watchdog immediately starts with a long
open window the SBC enters automatically SBC Normal Mode.
Table 24
Watchdog Functionality by SBC Modes
SBC Mode
Watchdog Mode
Remarks
INIT Mode
Starts with Long Open
Window
Watchdog starts with Long Open Window after RSTN
is released
Normal Mode
WD Programmable
Window Watchdog, Time-Out watchdog or switched
Off for SBC Stop Mode
Stop Mode
Watchdog is fixed or Off
Sleep Mode
Off
SBC starts with Long Open Window when entering
SBC Normal Mode.
Restart Mode
Off
SBC starts with Long Open Window when entering
SBC Normal Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com