| Electronic Components Datasheet Search |
|
TLE9461ESV33 Datasheet(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9461ESV33 Datasheet(HTML) 21 Page - Infineon Technologies AG |
|
21 / 140 page ![]() TLE9461ES V33 Lite CAN SBC Family System Features Datasheet 21 Rev.1.1 2019-09-27 Figure 4 Hardware Configuration Selection Timing Diagram There are four different device configurations (Table 5) available defining the watchdog failure and the VCC1 over voltage behavior. The configurations can be selected via the external connection on the INTN pin and the SPI bit CFG1 in the HW_CTRL_0 register (see also Chapter 13.4): • CFG0_STATE = ‘1’: Config 1 and Config 3: – A watchdog trigger failure leads to SBC Restart Mode and depending on CFG1 the Fail Output (FO) is activated after the 1st (Config 1) or 2nd (Config 3) watchdog trigger failure; – A VCC1 over voltage detection leads to SBC Restart Mode if VCC1_OV_RST is set. VCC1_ OV is set and the Fail Output is activated; • CFG0_STATE = ‘0’: Config 2 and Config 4: – A watchdog trigger failure leads to SBC Fail-Safe Mode and depending on CFG1 the Fail Output (FO) is activated after the 1st (Config 2) or 2nd (Config 4) watchdog trigger failure. The first watchdog trigger failure in Config 4 leads to SBC Restart Mode; – A VCC1 over voltage detection leads to SBC Fail-Safe Mode if VCC1_OV_RST is set. VCC1_ OV is set and the Fail Output is activated; The respective device configuration can be identified by reading the SPI bit CFG1 in the HW_CTRL_0 register and the CFG0_STATE bit in the WK_LVL_STAT register. Table 5 shows the configurations and the device behavior in case of a watchdog trigger failure: t VCC1 t RO t VS VPOR,r tRD1 VRT1,r tCFG_F Configuration selection monitoring period Continuous Filtering with |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |