Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ESV33 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9461ESV33
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ESV33 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9461ESV33 Datasheet HTML 9Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 10Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 11Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 12Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 13Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 14Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 15Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 16Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
Datasheet
13
Rev.1.1
2019-09-27
TLE9461ES V33
Lite CAN SBC Family
General Product Characteristics
4.3
Thermal Resistance
Table 3
Thermal Resistance1)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Junction to Soldering Point Rth(JSP)
–14
–
K/W
Exposed Pad
P_4.3.1
Junction to Ambient
Rth(JA)
–35
–
K/W
2)
2) Specified Rth(JA)value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board for a power
dissipation of 1.5W; the product (chip+package) was simulated on a 76.2x114.3x1.5mm3 with 2 inner copper layers
(2 x 70µm Cu, 2 x 35µm C); where applicable a thermal via array under the exposed pad contacted the first inner
copper layer and 300mm2 cooling areas on the top layer and bottom layers (70µm).
P_4.3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com