Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9461ESV33 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE9461ESV33
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ESV33 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE9461ESV33 Datasheet HTML 1Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 2Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 3Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 4Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 5Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 6Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 7Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 8Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 140 page
background image
Datasheet
2
Rev.1.1
2019-09-27
TLE9461ES V33
Lite CAN SBC Family
Overview
Scalable System Basis Chip (SBC) Family
• Product family for complete scalable application coverage
• Optimized feature set for optimal system design
• Dedicated Data Sheets are available for all product variants
• Complete compatibility (hardware- and software across the family)
• Same PG-TSDSO-24-1 package with exposed pad (EP) for all product variants
• CAN Partial Networking variants (-3ES)
• Product variants for 5 V (TLE94xxyy) and 3.3 V (TLE94xxyyV33) output voltage for main regulator
• Software compatible to other SBC families TLE926x and TLE927x
Potential applications
• HVAC ECU and Control panel
• Light Control Unit (LCU) for front, rear and ambient
• Seat control module
• Seat belt pretension
• Steering column and steering lock
• Closure (trunk, sliding door, etc.)
• Gear shifters and selectors
• Smart power distribution modules
Product validation
Qualified for automotive applications. Product validation according to AEC-Q100/101.
Description
The TLE9461ES V33 is a monolithically integrated circuit in an exposed pad PG-TSDSO-24-1 (150 mil) power
package. The device is designed for various CAN automotive applications as main supply for the
microcontroller and as interface for a CAN bus network.
To support these applications, the System Basis Chip (SBC) provides the main functions, such as a 3.3 V low-
dropout voltage regulator (LDO) for e.g. a microcontroller supply, another 5 V low-dropout voltage regulator
with off-board protection for e.g. sensor supply, a HS-CAN transceiver supporting CAN FD for data
transmission, a high-voltage GPIO with embedded protective functions and a 16-bit Serial Peripheral Interface
(SPI) to control and monitor the device. Also a configurable timeout / window watchdog circuit with a reset
feature, one dedicated fail output and an undervoltage reset feature are implemented.
The device offers low-power modes in order to minimize current consumption in applications that are
connected permanently to the battery. A wake-up from the low-power mode is possible via a message on the
CAN bus, via the bi-level sensitive monitoring/wake-up input as well as via Cyclic Wake.
The device is designed to withstand the severe conditions of automotive applications
Type
Package
Marking
TLE9461ES V33
PG-TSDSO-24-1
TLE9461ESV33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com