Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ATESSQTP Datasheet(PDF) 24 Page - Microchip Technology

Part # MXT1664T3-ATESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATESSQTP Datasheet(HTML) 24 Page - Microchip Technology

Back Button MXT1664T3-ATESSQTP Datasheet HTML 20Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 21Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 22Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 23Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 24Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 25Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 26Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 27Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 24
 2018 Microchip Technology Inc.
3.0
TOUCHSCREEN BASICS
3.1
Sensor Construction
A touchscreen is usually constructed from a number of transparent electrodes. These are typically on a glass or plastic
substrate. They can also be made using non-transparent electrodes, such as copper or carbon. Electrodes are constructed
from Indium Tin Oxide (ITO) or metal mesh. Thicker electrodes yield lower levels of resistance (perhaps tens to hundreds of
/
square) at the expense of reduced optical clarity. Lower levels of resistance are generally more compatible with capacitive
sensing. Thinner electrodes lead to higher levels of resistance (perhaps hundreds to thousands of
/square) with some of
the best optical characteristics.
Interconnecting tracks can cause problems. The excessive RC time constants formed between the resistance of the track and
the capacitance of the electrode to ground can inhibit the capacitive sensing function. In such cases, the tracks should be
replaced by screen printed conductive inks (non-transparent) outside the touchscreen viewing area.
3.2
Electrode Configuration
The specific electrode designs used in Microchip touchscreens are the subject of various patents and patent
applications. Further information is available on request.
The device supports various configurations of electrodes as summarized in Section 4.0 “Sensor Layout”.
3.3
Scanning Sequence
All nodes are scanned in sequence by the device. There is a full parallelism in the scanning sequence to improve overall
response time. The nodes are scanned by measuring capacitive changes at the intersections formed between the first X line
and all the Y lines. Then the intersections between the next X line and all the Y lines are scanned, and so on, until all X and Y
combinations have been measured.
The device can be configured in various ways. It is possible to disable some nodes so that they are not scanned at all. This
can be used to improve overall scanning time.
3.4
Touchscreen Sensitivity
3.4.1
ADJUSTMENT
Sensitivity of touchscreens can vary across the extents of the electrode pattern due to natural differences in the parasitic
capacitance of the interconnections, control chip, and so on. An important factor in the uniformity of sensitivity is the
electrode design itself. It is a natural consequence of a touchscreen pattern that the edges form a discontinuity and
hence tend to have a different sensitivity. The electrodes at the far edges do not have a neighboring electrode on one
side and this affects the electric field distribution in that region.
A sensitivity adjustment is available for the whole touchscreen. This adjustment is a basic algorithmic threshold that
defines when a node is considered to have enough signal change to qualify as being in detect.
3.4.2
MECHANICAL STACKUP
The mechanical stackup refers to the arrangement of material layers that exist above and below a touchscreen. The
arrangement of the touchscreen in relation to other parts of the mechanical stackup has an effect on the overall
sensitivity of the screen. QMatrix technology has an excellent ability to operate in the presence of ground planes close
to the sensor. QMatrix sensitivity is attributed more to the interaction of the electric fields between the transmitting (X)
and receiving (Y) electrodes than to the surface area of these electrodes. For this reason, stray capacitance on the X
or Y electrodes does not strongly reduce sensitivity.
Front panel dielectric material has a direct bearing on sensitivity. Plastic front panels are usually suitable up to about
2.2 mm, and glass up to about 4.5 mm (dependent upon the screen size and layout). The thicker the front panel, the
lower the signal-to-noise ratio of the measured capacitive changes and hence the lower the resolution of the
touchscreen. In general, glass front panels are near optimal because they conduct electric fields almost twice as easily
as plastic panels.
NOTE
Care should be taken using ultra-thin glass panels as retransmission effects can occur, which can
significantly degrade performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com