Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ATESSQTP Datasheet(PDF) 76 Page - Microchip Technology

Part # MXT1664T3-ATESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATESSQTP Datasheet(HTML) 76 Page - Microchip Technology

Back Button MXT1664T3-ATESSQTP Datasheet HTML 72Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 73Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 74Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 75Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 76Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 77Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 78Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 79Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 76
 2018 Microchip Technology Inc.
14.5
Current Consumption – USB Interface
14.5.1
ANALOG SUPPLY
NOTE
The characterization charts show typical values based on the configuration in Table 14-1 on page 71.
Actual power consumption in the user’s application will depend on the circumstances of that particular
project and will vary from that shown here. Further tuning will be required to achieve an optimal
performance.
Acquisition Rate (ms)
0 Touches (mA) 1 Touch (mA) 5 Touches (mA)
10 Touches
(mA)
15 Touches
(mA)
Free-run
17.13
15.78
18.43
20.43
11.22
10
7.05
6.45
15.48
15.14
9.45
16
4.95
4.98
9.95
9.93
9.99
32
3.17
3.57
5.72
5.48
6.97
64
2.22
2.85
3.31
3.45
5.38
128
1.86
2.03
2.68
2.21
3.91
254
1.65
1.57
1.58
1.78
2.86
0.00
5.00
10.00
15.00
20.00
25.00
Free-run
10
16
32
64
128
254
Acquisition Rate (ms)
0 Touches (mA)
1 Touch (mA)
5 Touches (mA)
10 Touches (mA)
15 Touches (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com