Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ATESSQTP Datasheet(PDF) 64 Page - Microchip Technology

Part # MXT1664T3-ATESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATESSQTP Datasheet(HTML) 64 Page - Microchip Technology

Back Button MXT1664T3-ATESSQTP Datasheet HTML 60Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 61Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 62Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 63Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 64Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 65Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 66Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 67Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 64
 2018 Microchip Technology Inc.
12.0
GETTING STARTED WITH MXT1664T3
12.1
Establishing Contact
12.1.1
COMMUNICATION WITH THE HOST
The host can use any of the following interfaces to communicate with the device (See Section 7.0 “Host
Communications”):
•I2C interface (see Section 8.0 “I2C Communications”)
•HID-I2C interface (see Section 9.0 “HID-I2C Communications”)
• USB interface (see Section 10.0 “USB Communications”)
12.1.2
POWER-UP SEQUENCE
On power-up, the CHG line goes low to indicate that there is new data to be read from the device. If the CHG line does
not go low, there is a problem with the device.
Once the CHG line goes low, the host should attempt to read the first 7 bytes of memory from location 0x00 to establish
that the device is present and running following power-up.
A checksum check is performed on the configuration settings held in the non-volatile memory. If the checksum does not
match a stored copy of the last checksum, then this indicates that the settings have become corrupted. The host should
write a correct configuration to the device if the read checksum does not match the expected checksum, or if the
configuration error bit in the message data from the Command Processor T6 object is set.
12.2
Using the Object Protocol
The device has an object-based protocol that is used to communicate with the device. Typical communication includes
configuring the device, sending commands to the device, and receiving messages from the device.
The host must perform the following initialization so that it can communicate with the device:
1.
Read the start positions of all the objects in the device from the Object Table and build up a list of these
addresses.
2.
Use the Object Table to calculate the report IDs so that messages from the device can be correctly interpreted.
12.2.1
CLASSES OF OBJECTS
The mXT1664T3 contains the following classes of objects:
• Debug objects – provide a raw data output method for development and testing.
• General objects – required for global configuration, transmitting messages and receiving commands.
• Touch objects – operate on measured signals from the touch sensor and report touch data.
• Signal processing objects – process data from other objects (typically signal filtering operations).
• Support objects – provide additional functionality on the device.
12.2.2
OBJECT INSTANCES
TABLE 12-1:
OBJECTS ON THE MXT1664T3
Object
Description
Number of
Instances
Usage
Debug Objects
Diagnostic Debug T37
Allows access to diagnostic debug data to aid
development.
1
Debug commands only. No
configuration/tuning necessary.
Not for use in production.
General Objects
Message Processor T5
Handles the transmission of messages. This
object holds a message in its memory space
for the host to read.
1
No configuration necessary.
Command Processor T6
Performs a command when written to.
Commands include reset, calibrate and
backup settings.
1
No configuration necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com