Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ATESSQTP Datasheet(PDF) 58 Page - Microchip Technology

Part # MXT1664T3-ATESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATESSQTP Datasheet(HTML) 58 Page - Microchip Technology

Back Button MXT1664T3-ATESSQTP Datasheet HTML 54Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 55Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 56Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 57Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 58Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 59Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 60Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 61Page - Microchip Technology MXT1664T3-ATESSQTP Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 58
 2018 Microchip Technology Inc.
In Table 10-4 on page 57 and Table 10-5:
•Byte 1:
Status is the status of the touch detection. This bit is set to 1 if touch is detected, and set to 0, if no touches are
detected.
Touch ID identifies the touch for which this is a status report (starting from 1).
• Bytes 2 to 9:
X and Y positions are the X and Y coordinates. These are scaled to 12-bit resolution. This means that the upper
four bits of the MSByte will always be zero. Bytes 4, 5, 8 and 9 are reserved when TCHGEOMEN field is set to 0.
•Byte 10:
Touch Width reports the width of the detected touch when TCHGEOMEN is set to 1.
Reserved when TCHGEOMEN is set to 0
• Byte 11:
Touch Height reports the height of the detected touch when TCHGEOMEN is set to 0.
Reserved when TCHGEOMEN is set to 0
• Byte 56 to 57:
Scan Time is the timestamp associated with the current report frame (in units of 100 µs).
• Byte 58:
Contact Count is the number of active touches to be sent in one package, for the first touch only. Subsequent
packets for subsequent active touches have a Count of 0.
10
Touch width
11
Touch height
12 – 22
Touch data for second touch – same format as bytes 1 – 11
23 – 33
Touch data for third touch – same format as bytes 1 – 11
34 – 44
Touch data for fourth touch – same format as bytes 1 – 11
45 – 55
Touch data for fifth touch – same format as bytes 1 – 11
56 – 57
Scan time
58
Contact count
TABLE 10-5:
TOUCH REPORT FORMAT WHEN TCHGEOMEN IS DISABLED
Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
USB Report ID
1
Touch ID (first touch)
Reserved
Status
2
Touch ID
3
Touch X Position LSByte (first touch)
4
0
0
0
0
Touch X Position MSBits (first touch)
5
Reserved
6
Reserved
7
Touch Y Position LSByte (first touch)
8
0
0
0
0
Touch Y Position MSBits (first touch)
9
Reserved
10
Reserved
11
Reserved
12 – 22
Touch data for second touch – same format as bytes 1 – 11
23 – 33
Touch data for third touch – same format as bytes 1 – 11
34 – 44
Touch data for fourth touch – same format as bytes 1 – 11
45 – 55
Touch data for fifth touch – same format as bytes 1 – 11
56 – 57
Scan time
58
Contact count
TABLE 10-4:
TOUCH REPORT FORMAT WHEN TCHGEOMEN IS ENABLED (CONTINUED)
Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com