| Electronic Components Datasheet Search |
|
MXT1664T3-ATESSQTP Datasheet(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-ATESSQTP Datasheet(HTML) 38 Page - Microchip Technology |
|
38 / 98 page ![]() MXT1664T3 2.0 DS40002054A-page 38 2018 Microchip Technology Inc. FIGURE 8-6: CHG LINE MODES FOR I2C-COMPATIBLE TRANSFERS In Mode 0 (edge-triggered operation): 1. The CHG line goes low to indicate that a message is present. 2. The CHG line goes high when the first byte of the first message (that is, its report ID) has been sent and acknowledged (ACK sent) and the next byte has been prepared in the buffer. 3. The STOP condition at the end of an I2C transfer causes the CHG line to stay high if there are no more messages. Otherwise the CHG line goes low to indicate a further message. Note that Mode 0 also allows the host to continually read messages by simply continuing to read bytes back without issuing a STOP condition. Message reading should end when a report ID of 255 (“invalid message”) is received. Alternatively the host ends the transfer by sending a NACK after receiving the last byte of a message, followed by a STOP condition. If there is another message present, the CHG line goes low again, as in step 1. In this mode the state of the CHG line does not need to be checked during the I2C read. In Mode 1 (level-triggered operation): 1. The CHG line goes low to indicate that a message is present. 2. The CHG line remains low while there are further messages to be sent after the current message. 3. The CHG line goes high again only once the first byte of the last message (that is, its report ID) has been sent and acknowledged (ACK sent) and the next byte has been prepared in the output buffer. Mode 1 allows the host to continually read the messages until the CHG line goes high, and the state of the CHG line determines whether or not the host should continue receiving messages from the device. The Communications Configuration T18 object can be used to configure the behavior of the CHG line. In addition to the CHG line operation modes described above, this object allows direct control over the state of the CHG line. 8.7 SDA and SCL The I2C bus transmits data and clock with SDA and SCL, respectively. These are open-drain. The device can only drive these lines low or leave them open. The termination resistors (Rp) pull the line up to VddIO if no I2C device is pulling it down. The termination resistors should be chosen so that the rise times on SDA and SCL meet the I2C specifications for the interface speed being used, bearing in mind other loads on the bus. For best latency performance, it is recommended that no other devices share the I2C bus with the maXTouch controller. NOTE The state of the CHG line should be checked only between messages and not between the bytes of a message. The precise point at which the CHG line changes state cannot be predicted and so the state of the CHG line cannot be guaranteed between bytes. Bn … B1 B0 Bn … B1 B0 Bn … B1 B0 STOP START SLA-R I C Interface 2 ACK NACK … Message #1 Message #2 Message #m CHG Line Mode 0 CHG line high or low; see text Bn … B1 B0 Bn … B1 B0 Bn … B1 B0 STOP START SLA-R I C Interface 2 ACK … Message #1 Message #2 Message #m CHG Line Mode 1 CHG line high or low; see text … … |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |