Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/ML301 Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F917E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/ML301 Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F917E/ML301 Datasheet HTML 99Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 100Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 101Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 102Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 103Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 104Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 105Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 106Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 101
PIC16F917/916/914/913
9.0
LIQUID CRYSTAL DISPLAY
(LCD) DRIVER MODULE
The Liquid Crystal Display (LCD) driver module generates
the timing control to drive a static or multiplexed LCD
panel. In the PIC16F914/917 devices (PIC16F914/917),
the module drives the panels of up to four commons and
up to 24 segments and in the PIC16F913/916 devices
(PIC16F913/916), the module drives the panels of up to
four commons and up to 16 segments. It also provides
control of the LCD pixel data.
The LCD driver module supports:
• Direct driving of LCD panel
• Three LCD clock sources with selectable prescaler
• Up to four commons:
- Static
- 1/2 multiplex
- 1/3 multiplex
- 1/4 multiplex
• Up to 24 (in PIC16F914/917 devices)/16 (in
PIC16F913/916 devices) segments
• Static, 1/2 or 1/3 LCD Bias
The module has 32 registers:
• LCD Control Register (LCDCON)
• LCD Phase Register (LCDPS)
• Three LCD Segment Enable Registers
(LCDSE<2:0>)
• 24 LCD Data Registers (LCDDATA<11:0>)
The LCDCON register, shown in Register 9-1, controls
the operation of the LCD driver module. The LCDPS
register, shown in Register 9-2, configures the LCD
clock source prescaler and the type of waveform;
Type-A or Type-B. The LCDSE<2:0> registers configure
the functions of the port pins:
• LCDSE0
SE<7:0>
• LCDSE1
SE<15:8>
• LCDSE2
SE<23:16>
As an example, LCDSEn is detailed in Register 9-3.
Once the module is initialized for the LCD panel, the
individual bits of the LCDDATA<11:0> registers are
cleared/set
to
represent
a
clear/dark
pixel,
respectively:
• LCDDATA0
SEG7COM0:SEG0COM0
• LCDDATA1
SEG15COM0:SEG8COM0
• LCDDATA2
SEG23COM0:SEG16COM0
• LCDDATA3
SEG7COM1:SEG0COM1
• LCDDATA4
SEG15COM1:SEG8COM1
• LCDDATA5
SEG23COM1:SEG16COM1
• LCDDATA6
SEG7COM2:SEG0COM2
• LCDDATA7
SEG15COM2:SEG8COM2
• LCDDATA8
SEG23COM2:SEG16COM2
• LCDDATA9
SEG7COM3:SEG0COM3
• LCDDATA10 SEG15COM3:SEG8COM3
• LCDDATA11 SEG23COM3:SEG16COM3
As an example, LCDDATAx is detailed in Register 9-4.
Once
the
module
is
configured,
the
LCDEN
(LCDCON<7>) bit is used to enable or disable the LCD
module. The LCD panel can also operate during Sleep
by clearing the SLPEN (LCDCON<6>) bit.
Note:
The LCDSE2 register is not implemented
in PIC16F913/916 devices.
Note:
Writing
into
the
registers
LCDDATA2,
LCDDATA5, LCDDATA8 and LCDDATA11
in PIC16F913/916 devices will not affect the
status of any pixel and these registers can
be used as General Purpose Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com