Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/ML301 Datasheet(PDF) 106 Page - Microchip Technology

Part # PIC16F917E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/ML301 Datasheet(HTML) 106 Page - Microchip Technology

Back Button PIC16F917E/ML301 Datasheet HTML 102Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 103Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 104Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 105Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 106Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 107Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 108Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 109Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 104
Preliminary
© 2005 Microchip Technology Inc.
REGISTER 9-2:
LCDPS – LCD PRESCALER SELECT REGISTER (ADDRESS: 108h)
R/W-0
R/W-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
WFT
BIASMD
LCDA
WA
LP3
LP2
LP1
LP0
bit 7
bit 0
bit 7
WFT: Waveform Type Select bit
1
= Type-B waveform (phase changes on each frame boundary)
0
= Type-A waveform (phase changes within each common type)
bit 6
BIASMD: Bias Mode Select bit
When LMUX<1:0> = 00:
0
= Static Bias mode (do not set this bit to ‘1’)
When LMUX<1:0> = 01:
1
= 1/2 Bias mode
0
= 1/3 Bias mode
When LMUX<1:0> = 10:
1
= 1/2 Bias mode
0
= 1/3 Bias mode
When LMUX<1:0> = 11:
0
= 1/3 Bias mode (do not set this bit to ‘1’)
bit 5
LCDA: LCD Active Status bit
1
= LCD driver module is active
0
= LCD driver module is inactive
bit 4
WA: LCD Write Allow Status bit
1
= Write into the LCDDATAx registers is allowed
0
= Write into the LCDDATAx registers is not allowed
bit 3-0
LP<3:0>: LCD Prescaler Select bits
1111
= 1:16
1110
= 1:15
1101
= 1:14
1100
= 1:13
1011
= 1:12
1010
= 1:11
1001
= 1:10
1000
= 1:9
0111
= 1:8
0110
= 1:7
0101
= 1:6
0100
= 1:5
0011
= 1:4
0010
= 1:3
0001
= 1:2
0000
= 1:1
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com