Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/ML301 Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC16F917E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/ML301 Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC16F917E/ML301 Datasheet HTML 101Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 102Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 103Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 104Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 105Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 106Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 107Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 108Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 103
PIC16F917/916/914/913
REGISTER 9-1:
LCDCON – LIQUID CRYSTAL DISPLAY CONTROL REGISTER (ADDRESS: 107h)
R/W-0
R/W-0
R/C-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
LCDEN
SLPEN
WERR
VLCDEN
CS1
CS0
LMUX1
LMUX0
bit 7
bit 0
bit 7
LCDEN: LCD Driver Enable bit
1
= LCD driver module is enabled
0
= LCD driver module is disabled
bit 6
SLPEN: LCD Driver Enable in Sleep mode bit
1
= LCD driver module is disabled in Sleep mode
0
= LCD driver module is enabled in Sleep mode
bit 5
WERR: LCD Write Failed Error bit
1
= LCDDATAx register written while LCDPS<WA> = 0 (must be cleared in software)
0
= No LCD write error
bit 4
VLCDEN: LCD Bias Voltage Pins Enable bit
1
= VLCD pins are enabled
0
= VLCD pins are disabled
bit 3-2
CS<1:0>: Clock Source Select bits
00
= FOSC/8192
01
= T1OSC (Timer1)/32
1x
= LFINTOSC (31 kHz)/32
bit 1-0
LMUX<1:0>: Commons Select bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
C = Only clearable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
- n = Value at POR
LMUX<1:0>
Multiplex
Maximum
Number of Pixels
(PIC16F913/916)
Maximum
Number of Pixels
(PIC16F914/917)
Bias
00
Static (COM0)
16
24
Static
01
1/2 (COM<1:0>)
32
48
1/2 or 1/3
10
1/3 (COM<2:0>)
48
72
1/2 or 1/3
11
1/4 (COM<3:0>)
60(1)
96
1/3
Note 1:
On PIC16F913/916 devices, COM3 and SEG15 are shared on one pin, limiting the
device from driving 64 pixels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com