Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F6433IPZ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 4 Page - Texas Instruments

  MSP430F6433IPZ Datasheet HTML 1Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 2Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 3Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 4Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 5Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 6Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 7Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 8Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Functional Block Diagrams............................................ 3
5 Revision History.............................................................. 5
6 Device Comparison......................................................... 7
6.1 Related Products........................................................ 7
7 Terminal Configuration and Functions..........................8
7.1 Pin Diagrams.............................................................. 8
7.2 Signal Descriptions................................................... 11
8 Specifications................................................................ 18
8.1 Absolute Maximum Ratings...................................... 18
8.2 ESD Ratings............................................................. 18
8.3 Recommended Operating Conditions.......................18
8.4 Active Mode Supply Current Into VCC Excluding
External Current.......................................................... 20
8.5 Low-Power Mode Supply Currents (Into VCC)
Excluding External Current..........................................20
8.6 Low-Power Mode With LCD Supply Currents
(Into VCC) Excluding External Current.........................22
8.7 Thermal Resistance Characteristics......................... 22
8.8 Schmitt-Trigger Inputs – General-Purpose I/O..........23
8.9 Inputs – Ports P1, P2, P3, and P4............................ 23
8.10 Leakage Current – General-Purpose I/O................ 23
8.11 Outputs – General-Purpose I/O (Full Drive
Strength)......................................................................23
8.12 Outputs – General-Purpose I/O (Reduced
Drive Strength)............................................................ 24
8.13 Output Frequency – Ports P1, P2, and P3..............24
8.14 Typical Characteristics – Outputs, Reduced
Drive Strength (PxDS.y = 0)........................................25
8.15 Typical Characteristics – Outputs, Full Drive
Strength (PxDS.y = 1)................................................. 26
8.16 Crystal Oscillator, XT1, Low-Frequency Mode........27
8.17 Crystal Oscillator, XT2............................................ 28
8.18 Internal Very-Low-Power Low-Frequency
Oscillator (VLO)...........................................................29
8.19 Internal Reference, Low-Frequency Oscillator
(REFO)........................................................................ 29
8.20 DCO Frequency...................................................... 30
8.21 PMM, Brownout Reset (BOR).................................31
8.22 PMM, Core Voltage.................................................31
8.23 PMM, SVS High Side..............................................32
8.24 PMM, SVM High Side............................................. 32
8.25 PMM, SVS Low Side...............................................33
8.26 PMM, SVM Low Side.............................................. 33
8.27 Wake-up Times From Low-Power Modes and
Reset........................................................................... 33
8.28 Timer_A, Timers TA0, TA1, and TA2.......................34
8.29 Timer_B, Timer TB0................................................34
8.30 Battery Backup........................................................35
8.31 USCI (UART Mode)................................................ 36
8.32 USCI (SPI Master Mode)........................................ 36
8.33 USCI (SPI Slave Mode).......................................... 38
8.34 USCI (I2C Mode).....................................................40
8.35 LCD_B, Recommended Operating Conditions....... 41
8.36 LCD_B, Electrical Characteristics........................... 42
8.37 12-Bit ADC, Power Supply and Input Range
Conditions................................................................... 43
8.38 12-Bit ADC, Timing Parameters..............................43
8.39 12-Bit ADC, Linearity Parameters Using an
External Reference Voltage.........................................44
8.40 12-Bit ADC, Linearity Parameters Using AVCC
as Reference Voltage.................................................. 44
8.41 12-Bit ADC, Linearity Parameters Using the
Internal Reference Voltage..........................................44
8.42 12-Bit ADC, Temperature Sensor and Built-In
VMID ............................................................................ 45
8.43 REF, External Reference........................................ 46
8.44 REF, Built-In Reference.......................................... 47
8.45 12-Bit DAC, Supply Specifications..........................48
8.46 12-Bit DAC, Linearity Specifications....................... 49
8.47 12-Bit DAC, Output Specifications.......................... 50
8.48 12-Bit DAC, Reference Input Specifications........... 51
8.49 12-Bit DAC, Dynamic Specifications.......................51
8.50 12-Bit DAC, Dynamic Specifications (Continued)... 52
8.51 Comparator_B.........................................................53
8.52 Ports PU.0 and PU.1...............................................54
8.53 LDO-PWR (LDO Power System)............................ 55
8.54 Flash Memory......................................................... 56
8.55 JTAG and Spy-Bi-Wire Interface.............................56
9 Detailed Description......................................................57
9.1 Overview................................................................... 57
9.2 CPU.......................................................................... 57
9.3 Instruction Set........................................................... 58
9.4 Operating Modes...................................................... 59
9.5 Interrupt Vector Addresses....................................... 60
9.6 Memory..................................................................... 61
9.7 Bootloader (BSL)...................................................... 61
9.8 JTAG Operation........................................................ 62
9.9 Flash Memory .......................................................... 62
9.10 RAM ....................................................................... 64
9.11 Backup RAM........................................................... 64
9.12 Peripherals..............................................................64
9.13 Input/Output Diagrams............................................86
9.14 Device Descriptors................................................109
10 Device and Documentation Support........................110
10.1 Getting Started and Next Steps............................ 110
10.2 Device Nomenclature............................................110
10.3 Tools and Software................................................112
10.4 Documentation Support........................................ 114
10.5 Related Links........................................................ 116
10.6 Support Resources............................................... 116
10.7 Trademarks........................................................... 116
10.8 Electrostatic Discharge Caution............................ 116
10.9 Export Control Notice............................................ 116
10.10 Glossary.............................................................. 116
11 Mechanical, Packaging, and Orderable
Information.................................................................. 117
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com