Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F6433IPZ Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 18Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 19Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 20Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 21Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 22Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 23Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 24Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 25Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
8.6 Low-Power Mode With LCD Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(1) (2)
PARAMETER
VCC
PMMCOREVx
TEMPERATURE (TA)
UNIT
–40°C
25°C
60°C
85°C
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
ILPM3, LCD,
ext. bias
Low-power mode 3
(LPM3) current, LCD 4-
mux mode, external
biasing(1) (2)
3 V
0
2.3
2.7
3.1
5.4
7.4
11.5
µA
1
2.3
2.7
5.6
7.5
2
2.4
2.8
5.8
7.7
3
2.4
2.8
3.5
5.9
7.9
13.2
ILPM3, LCD,
int. bias
Low-power mode 3
(LPM3) current, LCD 4-
mux mode, internal
biasing, charge pump
disabled(1) (3)
3 V
0
2.7
3.2
3.8
5.9
7.9
12.2
µA
1
2.7
3.2
6.1
8.1
2
2.8
3.3
6.2
8.3
3
2.8
3.3
4.9
6.4
8.4
13.7
ILPM3
LCD,CP
Low-power mode 3
(LPM3) current, LCD 4-
mux mode, internal
biasing, charge pump
enabled(1) (4)
2.2 V
0
3.8
µA
1
3.9
2
4.0
3 V
0
4.0
µA
1
4.1
2
4.2
3
4.2
(1)
Current for watchdog timer clocked by ACLK and RTC clocked by LFXT1 (32768 Hz) included. ACLK = low-frequency crystal operation
(XTS = 0, XT1DRIVEx = 0).
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 0 (LPM3), fACLK = 32768 Hz, fMCLK = fSMCLK = fDCO = 0 MHz
Current for brownout included. Low-side supervisor and monitors disabled (SVSL, SVML). High-side supervisor and monitor disabled
(SVSH, SVMH). RAM retention enabled.
(2)
LCDMx = 11 (4-mux mode), LCDREXT = 1, LCDEXTBIAS = 1 (external biasing), LCD2B = 0 (1/3 bias), LCDCPEN = 0 (charge pump
disabled), LCDSSEL = 0, LCDPREx = 101, LCDDIVx = 00011 (fLCD = 32768 Hz/32/4 = 256 Hz)
Current through external resistors not included (voltage levels are supplied by test equipment).
Even segments S0, S2,... = 0, odd segments S1, S3,... = 1. No LCD panel load.
(3)
LCDMx = 11 (4-mux mode), LCDREXT = 0, LCDEXTBIAS = 0 (internal biasing), LCD2B = 0 (1/3 bias), LCDCPEN = 0 (charge pump
disabled), LCDSSEL = 0, LCDPREx = 101, LCDDIVx = 00011 (fLCD = 32768 Hz/32/4 = 256 Hz)
Even segments S0, S2,... = 0, odd segments S1, S3,... = 1. No LCD panel load.
(4)
LCDMx = 11 (4-mux mode), LCDREXT = 0, LCDEXTBIAS = 0 (internal biasing), LCD2B = 0 (1/3 bias), LCDCPEN = 1 (charge pump
enabled), VLCDx = 1000 (VLCD = 3 V, typical), LCDSSEL = 0, LCDPREx = 101, LCDDIVx = 00011 (fLCD = 32768 Hz/32/4 = 256 Hz)
Even segments S0, S2,... = 0, odd segments S1, S3,... = 1. No LCD panel load.
8.7 Thermal Resistance Characteristics
PARAMETER
VALUE
UNIT
RθJA
Junction-to-ambient thermal resistance, still air(1)
LQFP (PZ)
122
°C/W
BGA (ZQW)
108
RθJC(TOP)
Junction-to-case (top) thermal resistance(2)
LQFP (PZ)
83
°C/W
BGA (ZQW)
72
RθJB
Junction-to-board thermal resistance(3)
LQFP (PZ)
98
°C/W
BGA (ZQW)
76
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board,
as specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com