Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F6433IPZ Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 72 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 68Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 69Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 70Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 71Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 72Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 73Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 74Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 75Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 128 page
background image
9.12.14 Timer TB0
Timer TB0 is a 16-bit timer/counter (Timer_B type) with seven capture/compare registers. TB0 supports multiple
capture/compares, PWM outputs, and interval timing (see Table 9-15). TB0 also has extensive interrupt
capabilities. Interrupts may be generated from the counter on overflow conditions and from each capture/
compare register.
Table 9-15. Timer TB0 Signal Connections
INPUT PIN NUMBER
DEVICE
INPUT
SIGNAL
MODULE
INPUT
SIGNAL
MODULE
BLOCK
MODULE
OUTPUT
SIGNAL
DEVICE
OUTPUT
SIGNAL
OUTPUT PIN NUMBER
PZ
ZCA, ZQW
PZ
ZCA, ZQW
58-P8.0
P2MAPx(2)
J11-P8.0
P2MAPx(2)
TB0CLK
TB0CLK
Timer
NA
NA
ACLK
ACLK
SMCLK
SMCLK
58-P8.0
P2MAPx(2)
J11-P8.0
P2MAPx(2)
TB0CLK
TB0CLK
50-P4.0
J9-P4.0
TB0.0
CCI0A
CCR0
TB0
TB0.0
50-P4.0
J9-P4.0
P2MAPx(2)
P2MAPx(2)
TB0.0
CCI0B
P2MAPx(2)
P2MAPx(2)
DVSS
GND
ADC12 (internal)
ADC12SHSx = {2}
DVCC
VCC
51-P4.1
M11-P4.1
TB0.1
CCI1A
CCR1
TB1
TB0.1
51-P4.1
M11-P4.1
P2MAPx(2)
P2MAPx(2)
TB0.1
CCI1B
P2MAPx(2)
P2MAPx(2)
DVSS
GND
ADC12 (internal)
ADC12SHSx = {3}
DVCC
VCC
52-P4.2
L10-P4.2
TB0.2
CCI2A
CCR2
TB2
TB0.2
52-P4.2
L10-P4.2
P2MAPx(2)
P2MAPx(2)
TB0.2
CCI2B
P2MAPx(2)
P2MAPx(2)
DVSS
GND
DAC12_A(1)
DAC12_0, DAC12_1
(internal)
DVCC
VCC
53-P4.3
M12-P4.3
TB0.3
CCI3A
CCR3
TB3
TB0.3
53-P4.3
M12-P4.3
P2MAPx(2)
P2MAPx(2)
TB0.3
CCI3B
P2MAPx(2)
P2MAPx(2)
DVSS
GND
DVCC
VCC
54-P4.4
L12-P4.4
TB0.4
CCI4A
CCR4
TB4
TB0.4
54-P4.4
L12-P4.4
P2MAPx(2)
P2MAPx(2)
TB0.4
CCI4B
P2MAPx(2)
P2MAPx(2)
DVSS
GND
DVCC
VCC
55-P4.5
L11-P4.5
TB0.5
CCI5A
CCR5
TB5
TB0.5
55-P4.5
L11-P4.5
P2MAPx(2)
P2MAPx(2)
TB0.5
CCI5B
P2MAPx(2)
P2MAPx(2)
DVSS
GND
DVCC
VCC
56-P4.6
K11-P4.6
TB0.6
CCI6A
CCR6
TB6
TB0.6
56-P4.6
K11-P4.6
P2MAPx(2)
P2MAPx(2)
TB0.6
CCI6B
P2MAPx(2)
P2MAPx(2)
DVSS
GND
DVCC
VCC
(1)
Only on devices with peripheral module DAC12_A.
(2)
Timer functions selectable by the port mapping controller.
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
www.ti.com
72
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com