Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F6433IPZ Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 83 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 79Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 80Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 81Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 82Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 83Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 84Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 85Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 86Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
Table 9-42. USCI_B0 Registers (Base Address: 05E0h) (continued)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI interrupt vector word
UCB0IV
1Eh
Table 9-43. USCI_A1 Registers (Base Address: 0600h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI control 0
UCA1CTL0
00h
USCI control 1
UCA1CTL1
01h
USCI baud rate 0
UCA1BR0
06h
USCI baud rate 1
UCA1BR1
07h
USCI modulation control
UCA1MCTL
08h
USCI status
UCA1STAT
0Ah
USCI receive buffer
UCA1RXBUF
0Ch
USCI transmit buffer
UCA1TXBUF
0Eh
USCI LIN control
UCA1ABCTL
10h
USCI IrDA transmit control
UCA1IRTCTL
12h
USCI IrDA receive control
UCA1IRRCTL
13h
USCI interrupt enable
UCA1IE
1Ch
USCI interrupt flags
UCA1IFG
1Dh
USCI interrupt vector word
UCA1IV
1Eh
Table 9-44. USCI_B1 Registers (Base Address: 0620h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI synchronous control 0
UCB1CTL0
00h
USCI synchronous control 1
UCB1CTL1
01h
USCI synchronous bit rate 0
UCB1BR0
06h
USCI synchronous bit rate 1
UCB1BR1
07h
USCI synchronous status
UCB1STAT
0Ah
USCI synchronous receive buffer
UCB1RXBUF
0Ch
USCI synchronous transmit buffer
UCB1TXBUF
0Eh
USCI I2C own address
UCB1I2COA
10h
USCI I2C slave address
UCB1I2CSA
12h
USCI interrupt enable
UCB1IE
1Ch
USCI interrupt flags
UCB1IFG
1Dh
USCI interrupt vector word
UCB1IV
1Eh
Table 9-45. ADC12_A Registers (Base Address: 0700h)
REGISTER DESCRIPTION
REGISTER
OFFSET
ADC12 control 0
ADC12CTL0
00h
ADC12 control 1
ADC12CTL1
02h
ADC12 control 2
ADC12CTL2
04h
Interrupt flag
ADC12IFG
0Ah
Interrupt enable
ADC12IE
0Ch
Interrupt vector word
ADC12IV
0Eh
ADC memory control 0
ADC12MCTL0
10h
ADC memory control 1
ADC12MCTL1
11h
ADC memory control 2
ADC12MCTL2
12h
ADC memory control 3
ADC12MCTL3
13h
www.ti.com
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com