Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F6433IPZ Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 55 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 51Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 52Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 53Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 56Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 57Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 58Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.8
2.2
2.6
3
3.4
V
– LDOO Supply Voltage – V
LDOO
V , postive-going input threshold
IT+
V , negative-going input threshold
IT–
T = 25°C, 85°C
A
Figure 8-25. Ports PU.0, PU.1 Typical Input Threshold Characteristics
8.53 LDO-PWR (LDO Power System)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLAUNCH
LDO input detection threshold
3.75
V
VLDOI
LDO input voltage
Normal operation
3.76
5.5
V
VLDO
LDO output voltage
3.3
±9%
V
VLDO_EXT
LDOO terminal input voltage with LDO disabled
LDO disabled
1.8
3.6
V
ILDOO
Maximum external current from LDOO terminal
LDO is on
20
mA
IDET
LDO current overload detection(1)
60
100
mA
CLDOI
LDOI terminal recommended capacitance
4.7
µF
CLDOO
LDOO terminal recommended capacitance
220
nF
tENABLE
Settling time VLDO
Within 2%,
recommended capacitances
2
ms
(1)
A current overload is detected when the total current supplied from the LDO exceeds this value.
www.ti.com
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com