Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F6433IPZ Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 15Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 16Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 17Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 18Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 19Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 20Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 21Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 22Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 128 page
background image
8.3 Recommended Operating Conditions (continued)
MIN
NOM
MAX UNIT
PMMCOREVx = 2,
2.2 V ≤ VCC ≤ 3.6 V
0
16.0
PMMCOREVx = 3,
2.4 V ≤ VCC ≤ 3.6 V
0
20.0
(1)
TI recommends powering AVCC and DVCC from the same source. A maximum difference of 0.3 V between AVCC and DVCC can be
tolerated during power up and operation.
(2)
The minimum supply voltage is defined by the supervisor SVS levels when it is enabled. See the threshold parameters in Section 8.23
for the exact values and more details.
(3)
The MSP430 CPU is clocked directly with MCLK. Both the high and low phase of MCLK must not exceed the pulse duration of the
specified maximum frequency.
(4)
A capacitor tolerance of ±20% or better is required.
(5)
Modules may have a different maximum input clock specification. See the specification of the respective module in this data sheet.
2.0
1.8
8
0
12
20
25
Supply Voltage - V
NOTE: The numbers within the fields denote the supported PMMCOREVx settings.
2.2
2.4
3.6
0, 1, 2, 3
0, 1, 2
0, 1
0
1, 2, 3
1, 2
1
2, 3
3
2
16
Figure 8-1. Frequency vs Supply Voltage
www.ti.com
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com