Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHARQ1 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 37Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 38Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 39Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 40Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 41Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 42Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 43Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 44Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 199 page
background image
7.4.8.2 Serial Gigabit Media Independent Interface
The Serial Gigabit Media Independent Interface (SGMII) provides a means for data transfer between MAC and
PHY with significantly less signal pins (4 pins) compared to RGMII (12 pins). SGMII uses low-voltage differential
signaling (LVDS) to reduce emissions and improve signal quality.
The DP83TG720S-Q1 SGMII is capable of operating in 4-wire mode. In 4-wire operation, two differential pairs
are used to transmit and receive data. Clock and data recovery are performed in the MAC and in the PHY in the
case of the RX and TX directions, respectively.
SGMII Auto-Negotitation can be disabled by setting bit[0] = 0b0 in the SGMII Configuration Register (SGMIICTL,
address 0x608).
The SGMII signals are summarized in Table 7-12.
Table 7-12. SGMII Signals
FUNCTION
PINS
Data Signals
TX_M, TX_P
RX_M, RX_P
Figure 7-17. SGMII Connections
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com