Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83TG720SWRHARQ1 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Datasheet(HTML) 71 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 67Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 68Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 69Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 70Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 71Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 72Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 73Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 74Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 199 page
background image
7.6.2.15 C_AND_S_STATUS Register (Address = 0x180) [reset = 0x0]
C_AND_S_STATUS is shown in Table 7-38.
Return to the Summary Table.
Table 7-38. C_AND_S_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
link_up
R
1b0
link up defined by CnS
14
link_down
R
1b0
link down as defined by CnS
13
phy_ctrl_send_data
R
1b0
phy control in send data status
12
link_status
R
1b0
link status
11-8
pm_coded_state
R
4b0000
pm state
7
sel_osc25_clk_n
R
1b0
25MHz clock select
6
pll_clk_sel
R
1b0
Pll clock select
5
pwr_seq_done
R
1b0
Power seq done status
4
slave_ph1_done
R
1b0
slave ph1 done status
3
channel_ok
R
1b0
channel okay status
2
descr_sync
R
1b0
Descrambler lock status
1
loc_rcvr_status
R
1b0
Local receiver status
0
rem_rcvr_status
R
1b0
Remote receiver status
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com